Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS20501UW3TBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS20501UW3TBG
Description  NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS20501UW3TBG Datasheet(HTML) 4 Page - ON Semiconductor

  NSS20501UW3TBG Datasheet HTML 1Page - ON Semiconductor NSS20501UW3TBG Datasheet HTML 2Page - ON Semiconductor NSS20501UW3TBG Datasheet HTML 3Page - ON Semiconductor NSS20501UW3TBG Datasheet HTML 4Page - ON Semiconductor NSS20501UW3TBG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NSS20501UW3
http://onsemi.com
4
VCE (Vdc)
Figure 7. Input Capacitance
VEB, EMITTER BASE VOLTAGE (V)
0
575
525
475
325
275
3.0
1.0
2.0
375
675
625
5.0
4.0
6.0
0.01
0.1
1.0
10
0.01
1.0
10
100
Cibo (pF)
Figure 8. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (V)
0
90
80
70
50
40
2.0
60
130
100
10
12
16
Cobo (pF)
Figure 9. Safe Operating Area
14
1.0 mS
10 mS
100 mS
1.0 S
Thermal
Limit
110
120
0.1
425
4.0
6.0
8.0
Single Pulse Test
at Tamb = 25°C


Similar Part No. - NSS20501UW3TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20501UW3T2G ONSEMI-NSS20501UW3T2G Datasheet
88Kb / 5P
   20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
More results

Similar Description - NSS20501UW3TBG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com