Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9300 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9300
Description  Multi-Channel Voice Echo Canceller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9300 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9300 Datasheet HTML 1Page - Mitel Networks Corporation MT9300 Datasheet HTML 2Page - Mitel Networks Corporation MT9300 Datasheet HTML 3Page - Mitel Networks Corporation MT9300 Datasheet HTML 4Page - Mitel Networks Corporation MT9300 Datasheet HTML 5Page - Mitel Networks Corporation MT9300 Datasheet HTML 6Page - Mitel Networks Corporation MT9300 Datasheet HTML 7Page - Mitel Networks Corporation MT9300 Datasheet HTML 8Page - Mitel Networks Corporation MT9300 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Advance Information
MT9300
5
Figure 3 - Echo Canceller Functional Block Diagram
Linear/
µ/A-Law
+
Non-Linear
Processor
Offset
Null
µ/A-Law/
Linear
Linear/
µ/A-Law
Microprocessor
Interface
Double-Talk
Detector
Disable Tone
Detector
Narrow-Band
Detector
µ/A-Law/
Linear
Offset
Null
Echo Canceller (N), where 0
≤ N ≤ 31
Sout
Rin
Sin
Rout
-
Programmable
Bypass
Disable Tone
Detector
(channel N)
(channel N)
(channel N)
(channel N)
ST-BUS
ST-BUS
PORT2
PORT1
12dB
Attenuator
MuteR
MuteS
Each echo canceller in the MT9300 has four
functional states:
Mute, Bypass, Disable Adaptation
and
Enable Adaptation. These are explained in the
section entitled Echo Canceller Functional States.
Adaptive Filter
For each group of echo cancellers, the Adaptive
Filter is a 1024 tap FIR adaptive filter which is
divided into two sections. Each section contains 512
taps providing 64ms of echo estimation. In Normal
configuration, the first section is dedicated to
channel A and the second section to channel B. In
Extended Delay configuration, both sections are
cascaded to provide 128ms of echo estimation in
channel A. In Back-to Back configuration, the first
section is used in the receive direction and the
second section is used in the transmit direction for
the same channel.
Double-Talk Detector
Double-Talk is defined as those periods of time when
signal
energy
is
present
in
both
directions
simultaneously. When this happens, it is necessary
to disable the filter adaptation to prevent divergence
of the Adaptive Filter coefficients. Note that when
double-talk is detected, the adaptation process is
halted but the echo canceller continues to cancel
echo using the previous converged echo profile.
A double-talk condition exists whenever the relative
signal levels of Rin (Lrin) and Sin (Lsin) meet the
following condition:
Lsin > Lrin + 20log10(DTDT)
where DTDT is the Double-Talk Detection Threshold.
Lsin and Lrin are signal levels expressed in dBm0.
A different method is used when it is uncertain
whether Sin consists of a low level double-talk signal
or an echo return. During these periods, the
adaptation process is slowed down but it is not
halted. The convergence speed is shown by the
CONV bit in the Status Register.
In G.168 standard, the echo return loss is expected
to be at least 6dB. This implies that the Double-Talk
Detector Threshold (DTDT) should be set to 0.5
(-6dB).
However,
in
order
to
get
additional
guardband, the DTDT is set internally to 0.5625
(-5dB).
In some applications the return loss can be higher or
lower than 6dB. The MT9300 allows the user to
change
the
detection
threshold
to
suit
each
application’s need. This threshold can be set by
writing the desired threshold value into the DTDT
register.
The DTDT register is 16 bits wide. The register value
in hexadecimal can be calculated with the following
equation:
DTDT(hex) = hex(DTDT(dec) * 32768)
where 0 < DTDT(dec) < 1
Example:
For DTDT = 0.5625 (-5dB), the
hexadecimal value becomes
hex(
0.5625 * 32768) = 4800h


Similar Part No. - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BL ZARLINK-MT9300BL Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300BV ZARLINK-MT9300BV Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
More results

Similar Description - MT9300

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com