Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP208 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ATP208
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP208 Datasheet(HTML) 1 Page - ON Semiconductor

  ATP208 Datasheet HTML 1Page - ON Semiconductor ATP208 Datasheet HTML 2Page - ON Semiconductor ATP208 Datasheet HTML 3Page - ON Semiconductor ATP208 Datasheet HTML 4Page - ON Semiconductor ATP208 Datasheet HTML 5Page - ON Semiconductor ATP208 Datasheet HTML 6Page - ON Semiconductor ATP208 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
61312 TKIM/11409PA MS IM TC-00001776 No. A1396-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
ATP208
N-Channel Power MOSFET
40V, 90A, 6mΩ, Single ATPAK
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1 : Gate
2 : Drain
3 : Source
4 : Drain
ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
ATP208-TL-H
Features
Low ON-resistance
Large current
4.5V drive
Slim package
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
40
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
90
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
270
A
Allowable Power Dissipation
PD
Tc=25°C60
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
155
mJ
Avalanche Current *2
IAV
45
A
Note :
*1 VDD=15V, L=100μH, IAV=45A
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : ENA1396A
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
TL
ATP208
LOT No.
1
3
2,4


Similar Part No. - ATP208

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP208 SANYO-ATP208 Datasheet
262Kb / 4P
   General-Purpose Switching Device Applications
logo
SHENZHEN DOINGTER SEMIC...
ATP208 DOINGTER-ATP208 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Sanyo Semicon Device
ATP208-TL-H SANYO-ATP208-TL-H Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
ATP208 SANYO-ATP208_12 Datasheet
451Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP208

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com