Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATP207-TL-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # ATP207-TL-H
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP207-TL-H Datasheet(HTML) 2 Page - ON Semiconductor

  ATP207-TL-H Datasheet HTML 1Page - ON Semiconductor ATP207-TL-H Datasheet HTML 2Page - ON Semiconductor ATP207-TL-H Datasheet HTML 3Page - ON Semiconductor ATP207-TL-H Datasheet HTML 4Page - ON Semiconductor ATP207-TL-H Datasheet HTML 5Page - ON Semiconductor ATP207-TL-H Datasheet HTML 6Page - ON Semiconductor ATP207-TL-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATP207
No. A1319-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
40
V
Zero-Gate Voltage Drain Current
IDSS
VDS=40V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.5
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=33A
12
20
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=33A, VGS=10V
7
9.1
RDS(on)2
ID=17A, VGS=4.5V
11
15.5
Input Capacitance
Ciss
VDS=20V, f=1MHz
2710
pF
Output Capacitance
Coss
330
pF
Reverse Transfer Capacitance
Crss
220
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
27
ns
Rise Time
tr
290
ns
Turn-OFF Delay Time
td(off)
170
ns
Fall Time
tf
110
ns
Total Gate Charge
Qg
VDS=20V, VGS=10V, ID=65A
54
nC
Gate-to-Source Charge
Qgs
14
nC
Gate-to-Drain “Miller” Charge
Qgd
11
nC
Diode Forward Voltage
VSD
IS=65A, VGS=0V
1.0
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ATP207-TL-H
ATPAK
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=33A
RL=0.61Ω
VDD=20V
VOUT
ATP207
VIN
10V
0V
VIN


Similar Part No. - ATP207-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ATP207-TL-H SANYO-ATP207-TL-H Datasheet
449Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - ATP207-TL-H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com