Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7SB3257MU3TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # 7SB3257MU3TCG
Description  Mux / Demux Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7SB3257MU3TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button 7SB3257MU3TCG Datasheet HTML 4Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 5Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 6Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 7Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 8Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 9Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 10Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 11Page - ON Semiconductor 7SB3257MU3TCG Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7SB3257
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN6 1.2x1.0, 0.4P
CASE 517AA
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND
0.30 mm FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
10X
A
A1
(A3)
0.08 C
0.10 C
C
SEATING
PLANE
SIDE VIEW
L2
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.15
0.25
D
1.20 BSC
E
1.00 BSC
e
0.40 BSC
L
0.30
0.40
L1
0.00
0.15
MOUNTING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.22
6X
0.42
6X
1.07
0.40
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
L1
DETAIL A
Bottom View
(Optional)
A1
A3
DETAIL B
Side View
(Optional)
EDGE OF PACKAGE
MOLD CMPD
EXPOSED Cu
L2
0.40
0.50


Similar Part No. - 7SB3257MU3TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126 ONSEMI-7SB3126 Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126AMX1TCG ONSEMI-7SB3126AMX1TCG Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126BMX1TCG ONSEMI-7SB3126BMX1TCG Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
7SB3126CMX1TCG ONSEMI-7SB3126CMX1TCG Datasheet
146Kb / 10P
   Bus Switch
September, 2010 ??Rev. 1
More results

Similar Description - 7SB3257MU3TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
   Dual 4:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
   SOTiny??2:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com