Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9162AE Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT9162AE
Description  ISO2-CMOS 5 Volt Single Rail Codec
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9162AE Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT9162AE Datasheet HTML 7Page - Mitel Networks Corporation MT9162AE Datasheet HTML 8Page - Mitel Networks Corporation MT9162AE Datasheet HTML 9Page - Mitel Networks Corporation MT9162AE Datasheet HTML 10Page - Mitel Networks Corporation MT9162AE Datasheet HTML 11Page - Mitel Networks Corporation MT9162AE Datasheet HTML 12Page - Mitel Networks Corporation MT9162AE Datasheet HTML 13Page - Mitel Networks Corporation MT9162AE Datasheet HTML 14Page - Mitel Networks Corporation MT9162AE Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Advance Information
MT9162
7-171
Figure 5 - SSI Synchronous Timing Diagram
† Timing is over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics- SSI BUS Asynchronous Timing (note 1) (see Figure 6)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Bit Cell Period
TDATA
7812
3906
ns
ns
BCL=128 kHz
BCL=256 kHz
2
Frame Jitter
Tj
600
ns
3
Bit 1 Dout Delay from STB
going high
tdda1
Tj+600
ns
CL=150 pF, RL=1K
4
Bit 2 Dout Delay from STB
going high
tdda2
600+
TDATA-Tj
600+
TDATA
600 +
TDATA+Tj
ns
CL=150 pF, RL=1K
5
Bit n Dout Delay from STB
going high
tddan
600 +
(n-1) x
TDATA-Tj
600 +
(n-1) x
TDATA
600 +
(n-1) x
TDATA+Tj
ns
CL=150 pF, RL=1K
n=3 to 8
6
Bit 1 Data Boundary
TDATA1
TDATA-Tj
TDATA+Tj
ns
7
Din Bit n Data Setup time from
STB rising
tSU
TDATA\2
+500ns-Tj
+(n-1) x
TDATA
ns
n=1-8
8
Din Data Hold time from STB
rising
tho
TDATA\2
+500ns+Tj
+(n-1) x
TDATA
ns
(BCL)
Din
Dout
STB
70%
30%
70%
30%
70%
30%
70%
30%
tBCLH
tR
tF
tBCLL
tDIS
tDIH
tDOZL
tDD
tBCL
tDOZH
tSSS
tENW
tSSH
tDOLZ
tDOHZ
NOTE:
Levels refer to % VDD (CMOS I/O)
CLOCKin


Similar Part No. - MT9162AE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9162AE ZARLINK-MT9162AE Datasheet
569Kb / 22P
   5 Volt Single Rail Codec
More results

Similar Description - MT9162AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT91L62 MITEL-MT91L62 Datasheet
79Kb / 17P
   ISO2-CMOS 3 Volt Single Rail Codec
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
   5 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT91L62 ZARLINK-MT91L62 Datasheet
405Kb / 19P
   3 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com