Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3LN01C Datasheet(PDF) 1 Page - ON Semiconductor

Part # 3LN01C
Description  N-Channel Small Signal MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

3LN01C Datasheet(HTML) 1 Page - ON Semiconductor

  3LN01C Datasheet HTML 1Page - ON Semiconductor 3LN01C Datasheet HTML 2Page - ON Semiconductor 3LN01C Datasheet HTML 3Page - ON Semiconductor 3LN01C Datasheet HTML 4Page - ON Semiconductor 3LN01C Datasheet HTML 5Page - ON Semiconductor 3LN01C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
61213 TKIM TC-00002936/62712 TKIM/33006PE MSIM TB-00002198/21400 TS(KOTO) TA-1987 No.6260-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
3LN01C
N-Channel Small Signal MOSFET
30V, 0.15A, 3.7Ω, Single CP
Features
Low ON-resistance
Ultrahigh-speed switching
2.5V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
0.15
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
0.6
A
Allowable Power Dissipation
PD
0.25
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
This product is designed to “ESD immunity < 200V
*”, so please take care when handling.
* Machine Model
Package Dimensions
unit : mm (typ)
7013A-013
Ordering number : EN6260C
Ordering & Package Information
Device
Package
Shipping
memo
3LN01C-TB-E
CP
SC-59, TO-236,
SOT-23, TO-236AB
3,000
pcs./reel
Pb-Free
3LN01C-TB-H
CP
SC-59, TO-236,
SOT-23, TO-236AB
3,000
pcs./reel
Pb-Free
and
Halogen Free
Packing Type: TB
Marking
Electrical Connection
1 : Gate
2 : Source
3 : Drain
CP
12
3
2.9
0.95
0.4
0.1
3LN01C-TB-E
3LN01C-TB-H
TB
YA
1
2
3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 3LN01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
3LN01C SANYO-3LN01C Datasheet
41Kb / 4P
   Ultrahigh-Speed Switching Applications
3LN01C-TB-E SANYO-3LN01C-TB-E Datasheet
437Kb / 7P
   General-Purpose Switching Device Applications
3LN01C-TB-H SANYO-3LN01C-TB-H Datasheet
437Kb / 7P
   General-Purpose Switching Device Applications
3LN01C SANYO-3LN01C_12 Datasheet
437Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - 3LN01C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
   N-Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
   Small Signal MOSFET N-Channel
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
   N Channel Small Signal MOSFET
logo
ON Semiconductor
5LN01M ONSEMI-5LN01M Datasheet
259Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
logo
Weitron Technology
2N7000 WEITRON-2N7000 Datasheet
173Kb / 4P
   Small Signal MOSFET N-Channel
logo
ON Semiconductor
3LN01S ONSEMI-3LN01S Datasheet
262Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01C ONSEMI-5LN01C Datasheet
263Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01S ONSEMI-5LN01S Datasheet
269Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
3LN01SS ONSEMI-3LN01SS Datasheet
258Kb / 6P
   N-Channel Small Signal MOSFET
June, 2013
5LN01SS ONSEMI-5LN01SS Datasheet
257Kb / 6P
   N-Channel Small Signal MOSFET
July, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com