Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT91610 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT91610
Description  Analog Ringing SLIC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91610 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT91610 Datasheet HTML 1Page - Mitel Networks Corporation MT91610 Datasheet HTML 2Page - Mitel Networks Corporation MT91610 Datasheet HTML 3Page - Mitel Networks Corporation MT91610 Datasheet HTML 4Page - Mitel Networks Corporation MT91610 Datasheet HTML 5Page - Mitel Networks Corporation MT91610 Datasheet HTML 6Page - Mitel Networks Corporation MT91610 Datasheet HTML 7Page - Mitel Networks Corporation MT91610 Datasheet HTML 8Page - Mitel Networks Corporation MT91610 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Preliminary Information
MT91610
3
20
Z1
Line Impedance Node 1. A resistor of scaled value "k" is connected between Z1 and Z2.
This connection can not be left open circuit.
21
CP5
Line Impedance AC couple. A 0.1uF cap must be connected between this pin and Z1
(pin 16)
22
Z2
Line Impedance Node 2. This is the common connection node between Z1 and Z3.
23
Z3
Line Impedance Node 3. A network either resistive or complex of scaled value "k" is
connected between Z3 and Z2. This connection can not be left open circuit.
24
GTX0
Gain Node 0. This is the common node between Z3 and VX where resistors are
connected to set the 2W to 4W gain.
25
VX
Transmit Audio. 4W analog signal from the SLIC.
26
ESI
External Signal Input. 12 / 16 KHz signal input
27
GTX1
Gain Node 1. The common node between VR and the audio input from the CODEC or
switching network where resistors are fitted to sets the 4W to 2W gain
28
VR
Receive Audio. 4W analog signal to the SLIC.
29
CP6
Ringing Cap. A 0.47uF cap should be connected between this pin and GND for ringing
voltage filtering.
30
RC
Ringing Control. An active high (+5V) on this pin will set up the DC feed and gain of the
SLIC to apply 20 Hz ringing. When low (0V) set the SLIC in normal constant current mode
of operation.
31
UD
UnBalance Detect. To indicate an offset current between Tip and Ring
32
VBAT
VBAT. The negative battery supply, typically at -48V
33
SHK
Switch Hook. This pin indicates the line state of the subscribers telephone. The output
can also be used for dial pulse monitoring. This pin is active high
34
CP7
Deglitching Cap. A 33nF should be connected between this pin and GND
35
RV
Ringing Voltage. 20 Hz sinusoidal or square wave AC in for balance ringing
36
VEE
Negative supply rail, -5V.
Pin Description (continued)
Pin #
Name
Description
Functional Description
Refer
to
Figure
4
for
MT91610
components
designation.
The MT91610, with external bipolar transistors,
functions as an Analog Line SLIC for use in a 4 Wire
switched system. The SLIC performs all of the
BORSH functions whilst interfacing to a CODEC or
switching system.
2 Wire to 4 Wire conversion
The SLIC performs 2 wire to 4 wire conversion by
taking the 4 wire signal from an analog switch or
voice CODEC, and converting it to a 2 wire
differential signal at Tip and Ring. The 2 wire signal
applied to tip and ring by the phone is converted to a
4 wire signal, which is the output from the SLIC to
the analog switch or voice CODEC.
Gain Control
It is possible to set the Transmit and Receive gains
by
the
selection
of
the
appropriate
external
components.
The gains can be calculated by the following
formulae:
2W to 4W gain
Gain 2 - 4 = 20 Log [ R8 / R7]
4W to 2W gain
Gain 4 - 2 = 20 Log [0.891 * [R10 / R9)]


Similar Part No. - MT91610

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
MT91610AQ ZARLINK-MT91610AQ Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results

Similar Description - MT91610

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
logo
List of Unclassifed Man...
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com