Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9125AE Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9125AE
Description  CMOS Dual ADPCM Transcoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9125AE Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9125AE Datasheet HTML 1Page - Mitel Networks Corporation MT9125AE Datasheet HTML 2Page - Mitel Networks Corporation MT9125AE Datasheet HTML 3Page - Mitel Networks Corporation MT9125AE Datasheet HTML 4Page - Mitel Networks Corporation MT9125AE Datasheet HTML 5Page - Mitel Networks Corporation MT9125AE Datasheet HTML 6Page - Mitel Networks Corporation MT9125AE Datasheet HTML 7Page - Mitel Networks Corporation MT9125AE Datasheet HTML 8Page - Mitel Networks Corporation MT9125AE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8-17
®
Features
Dual channel full duplex transcoder
32 kbit/s and 24 kbit/s ADPCM coding,
compatible to G.721 & and G.723 (1988) and
ANSI T1.303-1989
Low power operation, total 25mW typical
Asynchronous 4.096 MHz master clock
operation
Transparent ADPCM bypass capability
Serial interface for both PCM and ADPCM data
streams
ST-BUS interface supported
Pin selected µ-law or A-law operation
Pin selected CCITT or sign-magnitude PCM
coding
Single 5 volt power supply
Optional reset value (CCITT Table 3/G.721)
capability
Applications
Pair gain
Voice mail systems
Wireless set base stations
Description
The Dual-channel ADPCM transcoder is a low
power, CMOS device capable of two encoder
functions and two decoder functions. Two 64 kbit/s
PCM channels are compressed into two 32 kbit/s
ADPCM
channels,
and
two
32
kbit/s
ADPCM
channels are expanded into two 64 kbit/s PCM
channels.
The
32
kbit/s ADPCM
transcoding
algorithm
utilized
conforms
to
CCITT
Recom-
mendation G.721 and ANSI T1.303-1989.
The
device also supports a 24 kbit/s (three bit word)
algorithm (CCITT/G.723).
Switching,
on-the-fly,
between 32 kbit/s
and 24
kbit/s, is possible by toggling the appropriate Mode
Select (MS1-MS4) control pins.
Ordering Information
MT9125AE
24 Pin Plastic DIP
MT9125AP
28 Pin PLCC
-40 to +85°C
Figure 1 - Functional Block Diagram
Timing
ST-BUS
Converter
ADPCM
I/O
Transcoder 1
Transcoder 2
PCM
I/O
Control Decode
EN1
EN2
DSTo
DSTi
ENB1
ENB2
VDD
VSS
PWRDN
IC
MS1
MS2
A/
µ FORMAT
MS3
MS4
C2o
BCLK
F0i
MCLK
ENS
ADPCMi
ADPCMo
ENA
ISSUE 3
August 1993
MT9125
Dual ADPCM Transcoder
Preliminary Information
CMOS


Similar Part No. - MT9125AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
MT9123AE MITEL-MT9123AE Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
More results

Similar Description - MT9125AE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9126 MITEL-MT9126 Datasheet
312Kb / 22P
   CMOS Quad ADPCM Transcoder
logo
Motorola, Inc
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
logo
OKI electronic componet...
MSM6981-01 OKI-MSM6981-01 Datasheet
133Kb / 15P
   32 kbps ADPCM TRANSCODER
MSM7719-01 OKI-MSM7719-01 Datasheet
220Kb / 40P
   Echo Canceler with ADPCM Transcoder
logo
Zarlink Semiconductor I...
ZL38010 ZARLINK-ZL38010 Datasheet
516Kb / 27P
   Low Power Quad ADPCM Transcoder
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Hitachi Semiconductor
HD81803 HITACHI-HD81803 Datasheet
928Kb / 36P
   ADPCM TRANSCODER CONFORMING TO G.721
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
List of Unclassifed Man...
ML7202-001 ETC2-ML7202-001 Datasheet
641Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
logo
LAPIS Semiconductor Co....
ML7202-001 LAPIS-ML7202-001 Datasheet
635Kb / 65P
   2-Channel Echo Canceler with Multifunction ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com