Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9123AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9123AP
Description  CMOS Dual Voice Echo Canceller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9123AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9123AP Datasheet HTML 2Page - Mitel Networks Corporation MT9123AP Datasheet HTML 3Page - Mitel Networks Corporation MT9123AP Datasheet HTML 4Page - Mitel Networks Corporation MT9123AP Datasheet HTML 5Page - Mitel Networks Corporation MT9123AP Datasheet HTML 6Page - Mitel Networks Corporation MT9123AP Datasheet HTML 7Page - Mitel Networks Corporation MT9123AP Datasheet HTML 8Page - Mitel Networks Corporation MT9123AP Datasheet HTML 9Page - Mitel Networks Corporation MT9123AP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
8-50
MT9123
Preliminary Information
Adaptive Filter
The adaptive filter is a 1024 tap FIR filter which is
divided into two sections. Each section contains 512
taps providing 64ms of echo estimation. In Normal
configuration, the first section is dedicated to
channel A and the second section to channel B. In
Extended Delay configuration, both sections are
cascaded to provide 128ms of echo estimation in
channel A.
Double-Talk Detector
Double-Talk is defined as those periods of time when
signal
energy
is
present
in
both
directions
simultaneously. When this happens, it is necessary
to disable the filter adaptation to prevent divergence
of the adaptive filter coefficients. Note that when
double-talk is detected, the adaptation process is
halted but the echo canceller continues to cancel
echo.
A double-talk condition exists whenever the Sin
signal level is greater than the expected return echo
level. The relative signal levels of Rin (Lrin) and Sin
(Lsin) are compared according to the following
expression to identify a double-talk condition:
Lsin > Lrin + 20log10(DTDT)
where DTDT is the Double-Talk Detection Threshold.
Lsin and Lrin are the relative signal levels expressed
in dBm0.
A different method is used when it is uncertain
whether Sin consists of a low level double-talk signal
or an echo return. During these periods, the
adaptation process is slowed down but it is not
halted.
Controllerless Mode
In G.165 standard, the echo return loss is expected
to be at least 6dB. This implies that the Double-Talk
Detector Threshold (DTDT) should be set to 0.5
(-6dB).
However,
in
order
to
get
additional
guardband, the DTDT is set internally to 0.5625
(-5dB). In controllerless mode, the Double-Talk
Detector is always active.
Controller Mode
In some applications the return loss can be higher or
lower than 6dB. The MT9123 allows the user to
change
the
detection
threshold
to
suit
each
application’s need. This threshold can be set by
writing the desired threshold value into the DTDT
register.
The DTDT register is 16 bits wide. The register value
in hexadecimal can be calculated with the following
equation:
DTDT(hex) = hex(DTDT(dec) * 32768)
where 0 < DTDT(dec) < 1
Example:
For DTDT = 0.5625 (-5dB), the
hexadecimal value becomes
hex(
0.5625 * 32768) = 4800h
Non-Linear Processor (NLP)
After echo cancellation, there is always a small
amount of residual echo which may still be audible.
The MT9123 uses an NLP to remove residual echo
signals which have a level lower than the Adaptive
Suppression Threshold (TSUP in G.165). This
threshold depends upon the level of the Rin (Lrin)
reference signal as well as the programmed value of
the
Non-Linear
Processor
Threshold
register
(NLPTHR). TSUP can be calculated by the following
equation:
TSUP = Lrin + 20log10(NLPTHR)
where
NLPTHR
is
the
Non-Linear
Processor
Threshold register value and Lrin is the relative
power level expressed in dBm0.
When the level of residual error signal falls below
TSUP, the NLP is activated further attenuating the
residual signal to less than -65dBm0. To prevent a
perceived decrease in background noise due to the
activation of the NLP, a spectrally-shaped comfort
noise, equivalent in power level to the background
noise, is injected. This keeps the perceived noise
level constant. Consequently, the user does not hear
the activation and de-activation of the NLP.
Controllerless Mode
The NLP processor can be disabled by connecting
the NLP pin to Vss.
Controller Mode
The NLP processor can be disabled by setting the
NLPDis bit to 1 in Control Register 2.
The NLPTHR register is 16 bits wide. The register
value in hexadecimal can be calculated with the
following equation:


Similar Part No. - MT9123AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AE MITEL-MT9122AE Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9122AP MITEL-MT9122AP Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
More results

Similar Description - MT9123AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9122 MITEL-MT9122 Datasheet
143Kb / 32P
   CMOS Dual Voice Echo Canceller with Tone Detection
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com