Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9122AP Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT9122AP
Description  CMOS Dual Voice Echo Canceller with Tone Detection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9122AP Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT9122AP Datasheet HTML 3Page - Mitel Networks Corporation MT9122AP Datasheet HTML 4Page - Mitel Networks Corporation MT9122AP Datasheet HTML 5Page - Mitel Networks Corporation MT9122AP Datasheet HTML 6Page - Mitel Networks Corporation MT9122AP Datasheet HTML 7Page - Mitel Networks Corporation MT9122AP Datasheet HTML 8Page - Mitel Networks Corporation MT9122AP Datasheet HTML 9Page - Mitel Networks Corporation MT9122AP Datasheet HTML 10Page - Mitel Networks Corporation MT9122AP Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Preliminary Information
MT9122
8-23
where 0 < NLPTHR(dec) < 1
The comfort noise injection can be disabled by
setting the INJDis bit to 1 in Control Register 1.
It should be noted that the NLPTHR is valid and the
comfort noise injection is active only when the NLP is
enabled.
Disable Tone Detector
G.165 recommendation defines the disable tone as
having
the
following
characteristics:
2100
Hz
(
± 21Hz) sinewave, a power level between -6 to
-31dBm0, and a phase reversal of 180 degrees (
± 25
degrees) every 450ms (
± 24ms). If the disable tone is
present for a minimum of one second with at least
one phase reversal, the Tone Detector will trigger.
G.164 recommendation defines the disable tone as a
2100 Hz (
±21Hz) sinewave with a power level
between -6 to -31dBm0. If the disable tone is present
for a minimum of one second, with or without phase
reversal, the Tone Detector will trigger.
The MT9122 has four Tone Detectors in order to
monitor the occurrence of a valid disable tone on
channels A and B on both Rin and Sin. Upon
detection of a disable tone, output pins TD1 or TD2
will go low as illustrated in Figure 4.
Figure 4 - Disable Tone Detection
Once a Tone Detector has been triggered, the
MT9122 no longer needs a valid disable tone (G.164
or G.165) to maintain Tone Detector status (e.g.
TD1, TD2 pins low). The Tone Detector status will
only release (e.g. TD1, TD2 pins high) if the signals
Rin and Sin fall below -30dBm0, in the frequency
range of 390Hz to 700Hz, and below -34dBm0, in the
frequency range of 700Hz to 3400Hz, for at least
400ms.
Controllerless Mode
The selection between G.165 and G.164 tone
disable is controlled by the REV pin. When the REV
pin is connected to Vss, G.164 is selected. This
applies to all four Tone Detectors.
In response to a valid disable tone, the MT9122 must
be switched from the Enable Adaptation state to the
Bypass state. In an application, the Tone Detect
outputs, TD1 and TD2, may be used to switch the
echo cancellers between these two states. This is
achieved by connecting S1 and S3 pins to Vdd and
by connecting the TD1 and TD2 outputs to the S2
and S4 input pins respectively.
Controller Mode
The selection between G.165 and G.164 tone
disable is controlled by the PHDis bit in Control
Register 2. When the PHDis bit is set to 1, G.164
tone disable requirements are selected. This applies
to all four Tone Detectors.
In response to a valid disable tone, the MT9122 must
be switched from the Enable Adaptation state to the
Bypass state. This can be done in two ways,
automatically or externally. In automatic mode, the
Tone Detectors internally control the switching
between Enable Adaptation and Bypass states. The
automatic mode can be activated by setting the
AutoTD bit in Control Register 2 to high. In external
mode, an external controller is needed to poll the TD
bit in Status Register A or B. Following the detection
of a disable tone (TD bit high), the external controller
should switch the echo canceller from Enable
Adaptation to Bypass state.
The TD1 and TD2 output pins remain active, as in
Controllerless mode, and they can be used as an
interrupt to an external controller.
Narrow Band Signal Detector (NBSD)
Single or dual frequency tones (e.g. DTMF tones)
present in the reference input (Rin) of the echo
canceller for a prolonged period of time may cause
the adaptive filter to diverge. The Narrow Band
Signal Detector (NBSD) is designed to prevent this
divergence by detecting single or dual tones of
arbitrary frequency, phase, and amplitude. When
narrow band signals are detected, the adaptation
process is halted but the echo canceller continues to
cancel echo.
TD1
Rin
Sin
Echo Canceller A
Tone Detector
Tone Detector
Echo Canceller B
TD2
Rin
Sin
Tone Detector
Tone Detector


Similar Part No. - MT9122AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
MT9123AE MITEL-MT9123AE Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
MT9123AP MITEL-MT9123AP Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
MT9125 MITEL-MT9125 Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
MT9125AE MITEL-MT9125AE Datasheet
299Kb / 16P
   CMOS Dual ADPCM Transcoder
More results

Similar Description - MT9122AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9123 MITEL-MT9123 Datasheet
191Kb / 32P
   CMOS Dual Voice Echo Canceller
logo
Zarlink Semiconductor I...
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50232 ZARLINK-ZL50232 Datasheet
551Kb / 41P
   32 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com