Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV34-500 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYV34-500
Description  Dual ultrafast power diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV34-500 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYV34-500_15 Datasheet HTML 1Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 2Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 3Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 4Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 5Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 6Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 7Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 8Page - NXP Semiconductors BYV34-500_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NXP Semiconductors
BYV34-500
Dual ultrafast power diodes
BYV34-500
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
4 June 2014
4 / 10
8. Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
with heatsink compound; per diode;
Fig. 3
-
-
2.4
K/W
Rth(j-mb)
thermal resistance
from junction to
mounting base
with heatsink compound; both diodes
conducting
-
-
1.6
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
-
60
-
K/W
001aag912
10- 1
10- 2
1
10
Zth(j-mb)
(K/W)
10- 3
tp (s)
10- 6
1
10
10- 1
10- 2
10- 5
10- 3
10- 4
tp
tp
T
P
t
T
δ =
Fig. 3. Transient thermal impedance from junction to mounting base per diode as a function of pulse width


Similar Part No. - BYV34-500_15

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BYV34-500M SEME-LAB-BYV34-500M Datasheet
23Kb / 2P
   HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV34-500_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYQ28E-200E WEEN-BYQ28E-200E Datasheet
381Kb / 11P
   Dual ultrafast power diodes
BYV32EB-200P WEEN-BYV32EB-200P Datasheet
383Kb / 10P
   Dual ultrafast power diodes
BYV410X-600P WEEN-BYV410X-600P Datasheet
525Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYQ28E-200E PHILIPS-BYQ28E-200E_15 Datasheet
130Kb / 11P
   Dual ultrafast power diodes
Rev. 4-14 July 2011
logo
WeEn Semiconductors
BYT28X-500 WEEN-BYT28X-500 Datasheet
362Kb / 10P
   Dual ultrafast power diodes
BYQ28ED-200PL WEEN-BYQ28ED-200PL Datasheet
375Kb / 10P
   Dual ultrafast power diodes
BYQ28X-200E WEEN-BYQ28X-200E Datasheet
394Kb / 10P
   Dual ultrafast power diodes
logo
NXP Semiconductors
BYV34 PHILIPS-BYV34 Datasheet
46Kb / 5P
   Dual rectifier diodes ultrafast
October 1998 Rev 1.400
BYV74F PHILIPS-BYV74F Datasheet
42Kb / 6P
   Dual rectifier diodes ultrafast
September 1998 Rev 1.300
logo
WeEn Semiconductors
BYV44 WEEN-BYV44 Datasheet
313Kb / 7P
   Dual rectifier diodes ultrafast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com