Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90826AG Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT90826AG
Description  Quad Digital Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90826AG Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT90826AG Datasheet HTML 5Page - Mitel Networks Corporation MT90826AG Datasheet HTML 6Page - Mitel Networks Corporation MT90826AG Datasheet HTML 7Page - Mitel Networks Corporation MT90826AG Datasheet HTML 8Page - Mitel Networks Corporation MT90826AG Datasheet HTML 9Page - Mitel Networks Corporation MT90826AG Datasheet HTML 10Page - Mitel Networks Corporation MT90826AG Datasheet HTML 11Page - Mitel Networks Corporation MT90826AG Datasheet HTML 12Page - Mitel Networks Corporation MT90826AG Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Advanced Information
CMOS
MT90826
9
See Table 10 and Table 11 for the frame output offset
programming.
Memory Block Programming
The MT90826 provides users with the capability of
initializing the entire connection memory block in two
frames. Bits 13 to 15 of every connection memory
location will be programmed with the pattern stored
in bits 13 to 15 of the control register.
The block programming mode is enabled by setting
the memory block program (MBP) bit of the control
register high. When the block programming enable
(BPE) bit of the control register is set to high, the
block programming data will be loaded into the bits
13 to 15 of every connection memory location. The
other connection memory bits (bit 0 to 12) are loaded
with zeros. When the memory block programming is
complete, the device resets the BPE bit to zero.
Bit Error Monitoring
The MT90826 allows users to perform bit error
monitoring by sending a pseudo random pattern to a
selected ST-BUS output channel and receiving the
pattern from a selected ST-BUS input channel. The
pseudo random pattern is internally generated by the
device with the polynomial of 215 -1.
Users can select the pseudo random pattern to be
presented on a ST-BUS channel by programming the
TM0 and TM1 bits in the connection memory. When
TM0 and TM1 bits are high, the pseudo random
pattern is output to the selected ST-BUS output
channel.
The
pseudo
random
pattern
is
then
received by a ST-BUS input channel which is
selected using the BSA and BCA bits in the bit error
rate input register (BISR). An internal bit error
counter keeps track of the error counts which is then
stored in the bit error count register (BECR).
The bit error test is enabled and disabled by the
SBER bit in the control register. Setting the bit from
zero to one initiates the bit error test and enables the
internal
bit
error
counter.
When
the
bit
is
programmed from one to zero, the internal bit error
counter transfers the error counts to the bit error
count register.
In the control register, a zero to one transition of the
CBER bit resets the bit error count register and the
internal bit error counter.
Delay Through the MT90826
The switching of information from the input serial
streams to the output serial streams results in a
throughput delay. The device can be programmed to
perform timeslot interchange functions with different
throughput delay capabilities on the per-channel
basis.
For
voice
application,
select
variable
throughput delay to ensure minimum delay between
input and output data. In wideband data applications,
select constant throughput delay to maintain the
frame integrity of the information through the switch.
The delay through the device varies according to the
type of throughput delay selected by the TM bits in
the connection memory.
Variable Delay Mode (TM1=0, TM0=0)
The delay in this mode is dependent only on the
combination of source and destination channels and
is independent of input and output streams.
Constant Delay Mode (TM1=1, TM0=0)
In this mode, frame integrity is maintained in all
switching configurations by making use of a multiple
data memory buffer.
Microprocessor Interface
The MT90826 provides a parallel microprocessor
interface for non-multiplexed bus structures. This
interface is compatible with Motorola non-multiplexed
buses. The required microprocessor signals are the
16-bit data bus (D0-D15), 14-bit address bus (A0-
A13) and 4 control lines (CS, DS, R/W and DTA).
See
Figure
14
for
Motorola
non-multiplexed
microport timing.
The MT90826 microport provides access to the
internal registers, connection and data memories. All
locations provide read/write access except for the
data memory, DRR and BECR registers which are
read only.
For data memory read operations, two consecutive
microprocessor
cycles
are
required.
The
read
address (A0-A13) should remain the same for the
two consecutive read cycles. The data memory
content from the first read cycle should be ignored.
The correct data memory content will be presented
to the data bus (D0-D15) on the second read cycle.


Similar Part No. - MT90826AG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90826AG ZARLINK-MT90826AG Datasheet
571Kb / 46P
   Quad Digital Switch
More results

Similar Description - MT90826AG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
   Quad Digital Switch
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP_07 Datasheet
283Kb / 13P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Bilateral Switch
logo
Copal Electronics
DP7251 COPAL-DP7251 Datasheet
168Kb / 15P
   Quad Digital Potentiometer
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
   Quad Digital Potentiometers
logo
Dallas Semiconductor
DS1844 DALLAS-DS1844 Datasheet
289Kb / 14P
   Quad Digital Potentiometer
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Copal Electronics
DP7241 COPAL-DP7241 Datasheet
174Kb / 16P
   Quad Digital Potentiometer
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
   Quad Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com