Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT90823 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT90823
Description  3V Large Digital Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90823 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT90823 Datasheet HTML 5Page - Mitel Networks Corporation MT90823 Datasheet HTML 6Page - Mitel Networks Corporation MT90823 Datasheet HTML 7Page - Mitel Networks Corporation MT90823 Datasheet HTML 8Page - Mitel Networks Corporation MT90823 Datasheet HTML 9Page - Mitel Networks Corporation MT90823 Datasheet HTML 10Page - Mitel Networks Corporation MT90823 Datasheet HTML 11Page - Mitel Networks Corporation MT90823 Datasheet HTML 12Page - Mitel Networks Corporation MT90823 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CMOS
MT90823
9
mode
requires a CLK of 8.192 MHz and allows a
maximum non-blocking capacity of 1,024 x 1,024
channels.
8.192 Mb/s Serial Links (DR0=0, DR1=1)
When the 8.192 Mb/s data rate is selected, the
device is configured with 16-input/16-output data
streams each having 128 64 kb/s channels. This
mode requires a CLK of 16.384 MHz and allows a
maximum non-blocking capacity of 2,048 x 2,048
channels.
Table
1
summarizes
the
switching
configurations and the relationship between different
serial data rates and the master clock frequencies.
Table 1- Switching Configuration
Input Frame Offset Selection
Input frame offset selection allows the channel
alignment of individual input streams to be offset with
respect to the output stream channel alignment (i.e.
F0i). This feature is useful in compensating for
variable path delays caused by serial backplanes of
variable lengths, which may be implemented in large
centralized and distributed switching systems.
Each input stream can have its own delay offset
value by programming the frame input offset (FOR)
registers. Possible adjustment can range up to +4
master clock (CLK) periods forward with resolution of
1/2 clock period. The output frame offset cannot be
offset or adjusted. See Figure 4, Table 11 and Table
12 for delay offset programming.
Serial Input Frame Alignment Evaluation
The MT90823 provides the frame evaluation (FE)
input to determine different data input delays with
respect to the frame pulse F0i.
A measurement cycle is started by setting the start
frame evaluation (SFE) bit low for at least one frame.
Then the evaluation starts when the SFE bit in the
IMS register is changed from low to high. Two frames
later, the complete frame evaluation (CFE) bit of the
frame alignment register (FAR) changes from low to
high. This signals that a valid offset measurement is
ready to be read from bits 0 to 11 of the FAR register.
The SFE bit must be set to zero before starting a
new measurement cycle.
In ST-BUS mode, the falling edge of the frame
measurement signal (FE) is evaluated against the
falling edge of the ST-BUS frame pulse. In GCI
mode, the rising edge of FE is evaluated against the
rising edge of the GCI frame pulse. See Table 10 and
Figure 3 for the description of the frame alignment
register.
This feature is not available when the WFP Frame
Alignment mode is enabled (i.e., when the WFPS pin
is connected to VDD).
Memory Block Programming
The MT90823 provides users with the capability of
initializing the entire connection memory block in two
frames. Bits 11 to 15 of every connection memory
location will be programmed with the pattern stored
in bits 5 to 9 of the IMS register.
The block programming mode is enabled by setting
the memory block program (MBP) bit of the control
register high. When the block programming enable
(BPE) bit of the IMS register is set to high, the block
programming data will be loaded into the bits 11 to
15 of every connection memory location. The other
connection memory bits (bit 0 to bit 10) are loaded
with zeros. When the memory block programming is
complete, the device resets the BPE bit to zero.
Loopback Control
The loopback control (LPBK) bit of each connection
memory location allows the ST-BUS output data to
be looped backed internally to the ST-BUS input for
diagnostic purposes.
If the LPBK bit is high, the associated ST-BUS output
channel data is internally looped back to the ST-BUS
input channel (i.e., data from STo
n channel m routes
to the STi
n channel m internally); if the LPBK bit is
low, the loopback feature is disabled. For proper
per-channel loopback operation, the contents of
frame delay offset registers must be set to zero.
Delay Through the MT90823
The switching of information from the input serial
streams to the output serial streams results in a
throughput delay. The device can be programmed to
perform time-slot interchange functions with different
throughput delay capabilities on a per-channel basis.
For voice application, select variable throughput
Serial
Interface
Data Rate
Master Clock
Required
(MHz)
Matrix
Channel
Capacity
2 Mb/s
4.096
512 x 512
4 Mb/s
8.192
1,024 x 1,024
8 Mb/s
16.384
2,048 x 2,048


Similar Part No. - MT90823

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90823 ZARLINK-MT90823 Datasheet
663Kb / 46P
   3V Large Digital Switch
MT90823AB ZARLINK-MT90823AB Datasheet
663Kb / 46P
   3V Large Digital Switch
MT90823AB1 ZARLINK-MT90823AB1 Datasheet
663Kb / 46P
   3V Large Digital Switch
MT90823AG ZARLINK-MT90823AG Datasheet
663Kb / 46P
   3V Large Digital Switch
MT90823AL ZARLINK-MT90823AL Datasheet
663Kb / 46P
   3V Large Digital Switch
More results

Similar Description - MT90823

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90823AP ZARLINK-MT90823AP Datasheet
663Kb / 46P
   3V Large Digital Switch
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Mitel Networks Corporat...
MT90863 MITEL-MT90863 Datasheet
154Kb / 35P
   3V Rate Conversion Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com