Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5041 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A5041
Description  6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF, SMA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5041 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A5041 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5041 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5041 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5041 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5041 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
TECHNICAL DATA SHEET
Typical Performance Data
-40
-20
0
20
40
60
750
775
800
825
850
875
900
925
950
975
1,000
Freq.(MHz)
Gain and Return Loss
Gain
Input RL
Output RL
0
1
2
3
4
5
6
800
820
840
860
880
900
920
940
960
Freq.(MHz)
Noise Figure
PE15A5041
PE15A5041 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF,
SMA PE15A5041
6 Watt P1dB, 800 MHz to 960 MHz, High Power
Amplifier, 37 dB Gain, 50 dBm IP3, 3 dB NF, SMA


Similar Part No. - PE15A5041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5040 PASTERNACK-PE15A5040 Datasheet
430Kb / 5P
   6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A5043 PASTERNACK-PE15A5043 Datasheet
459Kb / 6P
   TECHNICAL DATA SHEET
PE15A5044 PASTERNACK-PE15A5044 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE15A5041

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5040 PASTERNACK-PE15A5040 Datasheet
430Kb / 5P
   6 Watt P1dB, 800 MHz to 960 MHz, High Power Amplifier, 30 dB Gain, 50 dBm IP3, 3 dB NF, SMA
PE15A5039 PASTERNACK-PE15A5039 Datasheet
428Kb / 4P
   42 dB Gain, 25 Watt P1dB, 860 MHz to 960 MHz, High Power High Gain Amplifier, 58 dBm IP3, 3.5 dB NF, SMA
PE15A4026 PASTERNACK-PE15A4026 Datasheet
435Kb / 5P
   1 Watt P1dB, 820 MHz to 960 MHz, Medium Power Amplifier, 15 dB Gain, 46 dBm IP3, 2 dB NF, SMA
PE15A4001 PASTERNACK-PE15A4001 Datasheet
479Kb / 6P
   Amplifier, 37 dB Gain, 42 dBm IP3, 6 dB NF, SMA
PE1528 PASTERNACK-PE1528 Datasheet
349Kb / 3P
   11 dBm P1dB, 10 MHz to 3 GHz, Gain Block Amplifier, 15 dB Gain, 12 dBm IP3, 3 dB NF, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
   42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
   1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
PE15A5013 PASTERNACK-PE15A5013 Datasheet
497Kb / 5P
   5 Watt P1dB, 500 MHz to 2.8 GHz, High Power Amplifier, 37 dB Gain, 52 dBm IP3, SMA
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
   3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
PE15A1017 PASTERNACK-PE15A1017 Datasheet
429Kb / 6P
   35 dBm IP3, 2 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 14.5 dB Gain, SMA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com