Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS6108 Datasheet(PDF) 6 Page - BOWIN ELECTRONIC CO.

Part # LS6108
Description  Japanese/Chinese Character LCD Watch with EL Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6108 Datasheet(HTML) 6 Page - BOWIN ELECTRONIC CO.

Back Button LS6108 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 7Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 8Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 9Page - BOWIN ELECTRONIC CO. LS6108 Datasheet HTML 10Page - BOWIN ELECTRONIC CO. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LSI
LS6108
Version 0.1 (11.11.00)
6
Pad Coordinate
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
PAD
X(µ
µ
µ
µm)
Y(µ
µ
µ
µm)
C1
-1408.20
506.10
S26
942.20
-1513.90
S16
-1408.20
372.10
S27
1076.20
-1513.90
S15
-1408.20
238.10
S28
1210.20
-1513.90
S14
-1408.20
104.10
C3
1344.20
-1513.90
S13
-1408.20
-29.90
C2
1408.00
-1287.00
S12
-1408.20
-163.90
I4/BSP0
1408.00
-1151.00
S11
-1408.20
-297.90
I5/BSP1
1408.00
-741.60
S10
-1408.20
-431.90
I0/KM
1408.00
-597.60
S9
-1408.20
-565.90
I1/KR
1408.00
-188.20
S8
-1408.20
-699.90
I2/KEL
1408.00
-44.20
S7
-1408.20
-833.90
I3/KS
1408.00
365.20
S6
-1408.20
-967.90
VDD
1408.00
509.20
S5
-1408.20
-1101.90
B0
1408.00
653.20
S4
-1408.20
-1235.90
T2
1408.00
797.20
S3
-1408.20
-1369.90
T1
1408.00
941.20
S2
-1408.20
-1503.90
B1
1408.00
1085.20
S1
-570.50
-1513.90
GND
1408.00
1229.20
S17
-436.50
-1513.90
OI
1400.30
1423.00
S18
-238.70
-1513.90
OI 15pF
1400.30
1513.00
S19
-104.70
-1513.90
OO
184.00
1499.30
S20
93.10
-1513.90
R0
-56.30
1499.30
S21
227.10
-1513.90
R1
-425.20
1499.30
S22
406.20
-1513.90
PB
-561.20
1499.30
S23
540.20
-1513.90
VC1
-1045.70
1499.30
S24
674.20
-1513.90
VC2
-1179.70
1499.30
S25
808.20
-1513.90
VEE
-1313.70
1499.30


Similar Part No. - LS6108

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
LS610868 DIT-LS610868 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results

Similar Description - LS6108

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6105B BOWIN-LS6105B Datasheet
121Kb / 12P
   Chinese Character LCD Watch with EL
LS6102V06 BOWIN-LS6102V06 Datasheet
98Kb / 7P
   10 Digit LCD Watch with EL Driver
LS6103 BOWIN-LS6103 Datasheet
85Kb / 7P
   12 Digit LCD Watch with EL Driver
logo
New Japan Radio
NJU6645 NJRC-NJU6645 Datasheet
1Mb / 112P
   16-CHARACTER 6-LINE LCD DRIVER with JAPANESE KANJI ROM
logo
Sanyo Semicon Device
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
   LCD DRIVER with CHARACTER GENERATOR
logo
Sitronix Technology Co....
ST7920 SITRONIX-ST7920 Datasheet
694Kb / 49P
   Chinese Fonts built in LCD controller/driver
logo
NXP Semiconductors
SAA5700 PHILIPS-SAA5700 Datasheet
139Kb / 24P
   Chinese Character System Teletext CCST decoder
1997 May 16
logo
Sanyo Semicon Device
LC5645N SANYO-LC5645N Datasheet
201Kb / 10P
   LCD Digital Watch
logo
RAIO Technology Inc.
RA8816N RAIO-RA8816N Datasheet
135Kb / 8P
   144x65 Character Graphic LCD Driver Specification
RA8816 RAIO-RA8816 Datasheet
857Kb / 68P
   144x65 Character/Graphic LCD Driver Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com