Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9075AL Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT9075AL Datasheet HTML 1Page - Mitel Networks Corporation MT9075AL Datasheet HTML 2Page - Mitel Networks Corporation MT9075AL Datasheet HTML 3Page - Mitel Networks Corporation MT9075AL Datasheet HTML 4Page - Mitel Networks Corporation MT9075AL Datasheet HTML 5Page - Mitel Networks Corporation MT9075AL Datasheet HTML 6Page - Mitel Networks Corporation MT9075AL Datasheet HTML 7Page - Mitel Networks Corporation MT9075AL Datasheet HTML 8Page - Mitel Networks Corporation MT9075AL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
Preliminary Information
MT9075A
4-133
45
33
C4b
4.096 MHz System Clock (Input/Output). C4b is the clock for the ST-BUS sections and
transmit serial PCM data of the MT9075A. In the free-run (BL/FR=0) or line synchronous
mode (BL/FR=1 and BS/LS=0) this signal is an output, while in the system bus
synchronous mode (BS/LS=1) this signal is an input clock.
46
34
F0b
Frame Pulse (Input/Output). This is the ST-BUS or GCI frame synchronization
signal, which delimits the 32 channel frame of CSTi, CSTo, DSTi, DSTo and the
PCM30 link. In the free-run (BL/FR=0) or loop synchronous mode (BL/FR=1 and BS/
LS=0) this signal is an output, while in the Bus Synchronous mode (BL/FR=1 and BS/
LS=0) this signal is an input. The GCI/ST-BUS selection is made under software control.
Page 02H, address 13H, bit 0, GCI/ST=1 selects GCI frame pulse; GCI/ST=0 selects ST-
BUS.
47
35
RxFP/
Rx64KCK
Receive Frame Pulse/Receive CCS Clock (Output). An 8kHz pulse signal, which is
low for one extracted clock period. This signal is synchronized to the receive PCM 30
basic frame boundary.
When 64KCCS (page 01H, address 1AH, bit 0) is set to 1, this pin outputs a 64 kHz clock
derived by dividing down the extracted 2.048 MHz clock. This clock is used to clock CCS
data out of pin CSTo in the CCS mode.
48
36
IC
Internal Connection. Must be left open for normal operation.
49
37
VSS
Negative Power Supply (Input). Digital ground.
50
38
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
51
39
VDDATx Transmit Analog Power Supply (Input). Analog supply for the LIU transmitter (+5V ±
5%).
52
53
40
41
TTIP
TRING
Transmit TIP and RING (Outputs). Differential outputs for the transmit line signal - must
be transformer coupled (See Figure 4).
54
42
GNDATx Transmit Analog Ground (Input). Analog ground for the LIU transmitter.
55
43
Tdi
IEEE 1149.1 Test Data Input. If not used, this pin should be pulled high.
56
44
Tdo
IEEE 1149.1 Test Data Output. If not used, this pin should be left unconnected.
57
45
Tms
IEEE 1149.1 Test Mode Selection (Input). If not used, this pin should be pulled high.
58
46
Tclk
IEEE 1149.1 Test Clock Signal (Input). If not used, this pin should be pulled high.
59
47
Trst
IEEE 1149.1 Reset Signal (Input). If not used, this pin should be held low.
60
48
TAIS
Transmit Alarm Indication Signal (Input). An active low on this input causes the
MT9075A to transmit an AIS (all ones signal) on TTIP and TRING pins. TAIS should be
set to high for normal data transmission.
61
57
LOS
Loss of Signal or Synchronization (Output). When high, and LOS/LOF (page 02H
address 13H bit 2) is zero, this signal indicates that the receive portion of the MT9075A is
either not detecting an incoming signal (bit LLOS on page 03H address 18H is one) or is
detecting a loss of basic frame alignment condition (bit SYNC on page 03H address 10H
is one). If LOS/LOF=1, a high on this pin indicates a loss of signal condition.
62
58
IC
Internal Connection. Tie to VSS (Ground) for normal operation.
59
NC
No Connection. Leave open for normal operation.
63
60
IC
Internal Connection. Tie to VSS (Ground) for normal operation.
Pin Description (continued)
Pin #
Name
Description
PLCC MQFP


Similar Part No. - MT9075AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
More results

Similar Description - MT9075AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
   Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com