Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9075AL Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT9075AL
Description  E1 Single Chip Transceiver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AL Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT9075AL Datasheet HTML 1Page - Mitel Networks Corporation MT9075AL Datasheet HTML 2Page - Mitel Networks Corporation MT9075AL Datasheet HTML 3Page - Mitel Networks Corporation MT9075AL Datasheet HTML 4Page - Mitel Networks Corporation MT9075AL Datasheet HTML 5Page - Mitel Networks Corporation MT9075AL Datasheet HTML 6Page - Mitel Networks Corporation MT9075AL Datasheet HTML 7Page - Mitel Networks Corporation MT9075AL Datasheet HTML 8Page - Mitel Networks Corporation MT9075AL Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Preliminary Information
MT9075A
4-131
Pin Description
Pin #
Name
Description
PLCC MQFP
1
66
OSC1
Oscillator Input. This pin is either connected via a 20.000 MHz crystal to OSC2 where a
crystal is used, or is directly driven when a 20.000 MHz oscillator is employed (see
Figures 6 and 7). Not suitable for TTL compatible oscillator.
2
67
OSC2
Oscillator Output. Not suitable for driving other devices.
368
VSS
Negative Power Supply (Input). Digital ground.
469
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
5
70
CSTo
Control ST-BUS Output. CSTo carries one of the following two serial streams for CAS
and CCS respectively:
(i) A 2.048 Mbit/s ST-BUS status stream which contains the 30 receive signalling nibbles
(ABCDZZZZ or ZZZZABCD). The most significant nibbles of each ST-BUS time slot are
valid and the least significant nibbles of each ST-BUS time slot are tristated when control
bit MSN (page 01H, address 1AH, bit 1) is set to 1. If MSN=0, the position of the valid
and tristated nibbles is reversed.
(ii) A 64 kb/s output when the 64 KHz common channel signalling option is selected
(page 01H, address 1AH, bit 0, 64KCCS =1) for channel 16.
6
71
CSTi
Control ST-BUS Input. CSTi carries one of the following two serial streams for CAS and
CCS respectively:
(i) A 2.048 Mbit/s ST-BUS control stream which contains the 30 transmit signalling
nibbles (ABCDXXXX or XXXXABCD) when page 01H, address 1AH, bit 3, RPSIG=0.
When RPSIG=1 this pin has no function. The most significant nibbles of each ST-BUS
time slot are valid and the least significant nibbles of each ST-BUS time slot are ignored
when control bit MSN (page 01H, address 1AH, bit 1) is set to 1. If MSN=0, the position
of the valid and ignored nibbles is reversed.
(ii) A 64 kb/s input when the 64 KHz common channel signalling option is selected (page
01H, address 1AH, bit 0, 64KCCS =1) for channel 16.
7
72
DSTo
Data ST-BUS Output. A 2.048 Mbit/s serial stream which contains the 30 PCM or
data channels received on the PCM 30 line.
8
73
DSTi
Data ST-BUS Input. A 2.048 Mbit/s serial stream which contains the 30 PCM or data
channels to be transmitted on the PCM 30 line.
974
DS/RD
Data/Read Strobe (Input).
In Motorola mode (DS), this input is the active low data strobe of the microprocessor
interface.
In Intel mode (RD), this input is the active low read strobe of the microprocessor
interface.
10
83
CS
Chip Select (Input). This active low input enables the non-multiplexed parallel
microprocessor
interface
of
the
MT9075A.
When
CS
is
set
to
high,
the
microprocessor interface is idle and all bus I/O pins will be in a high impedance state.
11
84
RESET
RESET (Input). This active low input puts the MT9075A in a reset condition. RESET
should be set to high for normal operation. The MT9075A should be reset after power-
up. The RESET pin must be held low for a minimum of 1
µsec. to reset the device
properly.
12
85
IRQ
Interrupt Request (Output). A low on this output pin indicates that an interrupt request
is presented. IRQ is an open drain output that should be connected to VDD through a
pull-up resistor. An active low CS signal is not required for this pin to function.
13 -
16
86-
89
D0 - D3
Data 0 to Data 3 (Three-state I/O). These signals combined with D4-D7 form the
bidirectional data bus of the microprocessor interface (D0 is the least significant bit).


Similar Part No. - MT9075AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
More results

Similar Description - MT9075AL

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
   Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com