Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9075AP Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT9075AP
Description  E1 Single Chip Transceiver
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9075AP Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT9075AP Datasheet HTML 1Page - Mitel Networks Corporation MT9075AP Datasheet HTML 2Page - Mitel Networks Corporation MT9075AP Datasheet HTML 3Page - Mitel Networks Corporation MT9075AP Datasheet HTML 4Page - Mitel Networks Corporation MT9075AP Datasheet HTML 5Page - Mitel Networks Corporation MT9075AP Datasheet HTML 6Page - Mitel Networks Corporation MT9075AP Datasheet HTML 7Page - Mitel Networks Corporation MT9075AP Datasheet HTML 8Page - Mitel Networks Corporation MT9075AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
MT9075A
Preliminary Information
4-132
17
90
VSS
Negative Power Supply (Input). Digital ground.
18
91
IC
Internal Connection. Tie to VSS (Ground) for normal operation.
19
92
INT/MOT Intel/Motorola Mode Selection (Input). A high on this pin configures the processor
interface for the Intel parallel non-multiplexed bus type. A low configures the processor
interface for the Motorola parallel non-multiplexed type.
20
93
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
21 -
24
94-
97
D4 - D7
Data 4 to Data 7 (Three-state I/O). These signals combined with D0-D3 form the
bidirectional data bus of the microprocessor interface (D7 is the most significant bit).
25
98
R/W/WR Read/Write/Write Strobe (Input).
In Motorola mode (R/W), this input controls the direction of the data bus D[0:7] during
a microprocessor access. When R/W is high, the parallel processor is reading data
from the MT9075A. When low, the microprocessor is writing data to the MT9075A.
For Intel mode (WR), this active low write strobe configures the data bus lines as
output.
26 -
30
99,
8-11
AC0 -
AC4
Address/Control 0 to 4 (Inputs). Address and control inputs for the microprocessor
interface. AC0 is the least significant input.
31
12
GNDARx Receive Analog Ground (Input). Analog ground for the LIU receiver.
32
33
13
14
RTIP
RRING
Receive TIP and RING (Inputs). Differential inputs for the receive line signal - must be
transformer coupled (See Figure 4).
34
15
VDDARx Receive Analog Power Supply (Input). Analog supply for the LIU receiver (+5V
± 5%).
35
16
VDD
Positive Power Supply (Input). Digital supply (+5V
± 5%).
36
17
VSS
Negative Power Supply (Input). Digital ground.
37
18
IC
Internal Connection. Must be left open for normal operation.
38
19
IC
Internal Connection. Must be left open for normal operation.
39
20
RxDLCLK Receive Data Link Clock (Output). A gapped clock signal derived from a 2.048 Mbit/s
clock, available for an external device to clock in RxDL data (at 4, 8, 12, 16 or 20 kHz) on
the rising edge.
40
21
RxDL
Receive Data Link (Output). A 2.048 Mbit/s data stream containing received line data
after HDB3 decoding. This data is clocked out with the rising edge of E2o.
41
22
TxMF
Transmit Multiframe Boundary (Input). An active low input used to set the transmit
multiframe boundary (CAS or CRC multiframe). The MT9075A will generate its own
multiframe if this pin is held high. This input is usually pulled high for most applications.
42
23
RxMF
Receive Multiframe Boundary (Output). An output pulse delimiting the received
multiframe boundary. The next frame output on the data stream (DSTo) is basic frame
zero on the PCM 30 link. This receive multiframe signal can be related to either the
receive CRC multiframe (page 01H, address 10H, bit 6, MFSEL=1) or the receive
signalling multiframe (MFSEL=0).
43
24
BS/LS
System Bus Synchronous/Line Synchronous Selection (Input). If high, C4b and F0b
will be inputs; if low, C4b and F0b will be outputs.
44
32
E2o
2.048 MHz Extracted Clock (Output). The clock extracted from the received signal
and used internally to clock in data received on RTIP and RRING.
Pin Description (continued)
Pin #
Name
Description
PLCC MQFP


Similar Part No. - MT9075AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075BL MITEL-MT9075BL Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
More results

Similar Description - MT9075AP

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2154 DALLAS-DS2154 Datasheet
1Mb / 87P
   Enhanced E1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com