Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS6025 Datasheet(PDF) 7 Page - BOWIN ELECTRONIC CO.

Part # LS6025
Description  Game (slot machine) AND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWIN [BOWIN ELECTRONIC CO.]
Direct Link  http://www.bowin-ic.com.hk
Logo BOWIN - BOWIN ELECTRONIC CO.

LS6025 Datasheet(HTML) 7 Page - BOWIN ELECTRONIC CO.

  LS6025 Datasheet HTML 1Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 2Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 3Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 4Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 5Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 6Page - BOWIN ELECTRONIC CO. LS6025 Datasheet HTML 7Page - BOWIN ELECTRONIC CO.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LSI
LS6025
7
LCD Drawing
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
SX
S4
S3
S2
C3
C1
C2
S1
S2
S5
S6
S7
S8
S9
S10 S11 S12 S13 S14 S15 S16
S2
C1
WIN LINE
/
/
C1
/
*))
/
1D
1C
1G
1B
2D
2C
2G
2B
3D
3C
3G
3B
M
C2
GO
/
/
/
/
C2
AL PM 0BC 1E
1F
1A
:
2E
2F
2A
3E
3F
3A
/
C3
B24
B14 B04 C3
/
/
/
/
B00 B01 B02 B03 B10 B11 B12 B13 B20 B21 B22 B23
/
S16 S15 S14 S13 S12 S11 S10 S9
S8
S7
S6
S5
S4
S3
S2
S1
COM1:3B
3G
3C
3D
2B
2G
2C
2D
1B
1G
1C
1D
WIN LINE
M *))
COM2:3A
3F
3E
2A
2F
2E
:
1A
1F
1E
0BC GO
PM
AL
COM3:B23 B22 B21 B20 B13 B12 B11 B10 B03 B02 B01 B00 B24 B14
B04
Note: 1. Pin out at top of the LCD
2. Twisted Nematic Display
3. View Direction: 6 o’clock
4. Polarizer : reflective/ positive
5. Drive Method : 1/3 duty, 1/2 bias
6. Operating Voltage : 3.0V
7. Operating Temp. : 0 – 50C
8. Connector : Zebra.


Similar Part No. - LS6025

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LS60250-1000 LITTELFUSE-LS60250-1000 Datasheet
697Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
LS60250-500 LITTELFUSE-LS60250-500 Datasheet
708Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
LS602501MS00L LITTELFUSE-LS602501MS00L Datasheet
697Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
LS602501VS00L LITTELFUSE-LS602501VS00L Datasheet
708Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
LS602502ES00L LITTELFUSE-LS602502ES00L Datasheet
697Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
More results

Similar Description - LS6025

ManufacturerPart #DatasheetDescription
logo
BOWIN ELECTRONIC CO.
LS6106 BOWIN-LS6106 Datasheet
108Kb / 8P
   Game (slot machine)
LS6027 BOWIN-LS6027 Datasheet
117Kb / 8P
   Game (Roulette) AND
logo
PowerVolt Inc.
SM5-24 POWERVOLT-SM5-24 Datasheet
125Kb / 2P
   Slot Machine Transformers
logo
Holtek Semiconductor In...
HT113RA HOLTEK-HT113RA Datasheet
823Kb / 14P
   Poker and Black Jack LCD Game
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
   Casino Game 5-in-1 LCD Game
HT1136A HOLTEK-HT1136A Datasheet
365Kb / 12P
   Football LCD Game
HT1137A HOLTEK-HT1137A Datasheet
358Kb / 11P
   Motorcycle LCD Game
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
   Game Consoles
logo
Festo Corporation.
HSW-10-AP-SD FESTO-HSW-10-AP-SD Datasheet
79Kb / 2P
   Pick and place machine
HSW-12-AP-SD-AW FESTO-HSW-12-AP-SD-AW Datasheet
82Kb / 2P
   Pick and place machine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com