Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-XXS12NNL Datasheet(PDF) 1 Page - CET Technology, LLC

Part # CT-XXS12NNL
Description  3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CETTECHNOLOGY [CET Technology, LLC]
Direct Link  http://www.cettechnology.com/
Logo CETTECHNOLOGY - CET Technology, LLC

CT-XXS12NNL Datasheet(HTML) 1 Page - CET Technology, LLC

  CT-XXS12NNL Datasheet HTML 1Page - CET Technology, LLC CT-XXS12NNL Datasheet HTML 2Page - CET Technology, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CET Technology, LLC • www.cettechnology.com, E: cet@cettechnology.com • T: 603.894.6100 • F:
603.894.6161
DC / DC Converter Series
3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
Specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
Output
Voltage
Output
Current
Efficiency
Package
Style
Part Number
Vdc
mA
%TYP
1
0
7
3
0
3
3
.
3
L
N
N
3
0
S
X
X
XXS05NNL
5
200
70
1
1
5
7
2
1
1
9
L
N
N
9
0
S
X
X
XXS12NNL
12
84
78
1
1
0
8
7
6
5
1
L
N
N
5
1
S
X
X
XXS24NNL
24
42
82
1
XXD03NNL
±
3.3
±
1
0
7
0
5
1
XXD05NNL
±
5
±
100
70
1
XXD09NNL
±
9
±
1
5
7
6
5
XXD12NNL
±
12
±
42
78
1
XXD15NNL
±
15
±
1
0
8
4
3
XXD24NNL
±
24
±
21
82
1
2
0
7
0
0
2
5
L
N
2
N
5
0
S
X
X
XXS09N2NL
9
112
75
2
2
8
7
4
8
2
1
L
N
2
N
2
1
S
X
X
XXS15N2NL
15
67
80
2
2
2
8
2
4
4
2
L
N
2
N
4
2
S
X
X
XXD05N2NL
±
5
±
100
70
2
XXD09N2NL
±
9
±
2
5
7
6
5
XXD12N2NL
±
12
±
42
78
2
XXD15N2NL
±
15
±
2
0
8
4
3
XXD24N2NL
±
24
±
21
82
2
Note:1.”XX” Is Input Voltage :03=3.3Vdc 05=5Vdc, 09=9Vdc 12=12Vdc,15=15Vdc,24=24Vdc,48=48Vdc.
2. Over 48Vdc input voltage, using the 2nd package.
3.The input voltage increases, there will be an increase in efficiency.
FEATURES:
7PIN SIP Package
High Efficiency up to 85%
Unregulated Output Types
Recognized By UL 60950-1
Internal SMD Construction ●No External Component Required
Operating Temperature:-40℃ TO +85℃ ●Industry Standard Pinout
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Vo,Io Nom
±
5
%
Filter
Capacitor
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±
5
%
Short Circuit Protection
Short Term
1 Sec
Line Regulation
For 1.0% OF Vin
1.2
%
Load Regulation
3.3V,5V (10% To 100% F.L)
15
%
Load Regulation
9V,12V,15V,24V (10% To 100% F.L)
10
%
Ripple & Noise
BW=DC To 20MHz
100
mVp-p
Transient response setting time
50% load step change
350
us
CT-12D-1W SERIES
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-
CT-


Similar Part No. - CT-XXS12NNL

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-XXS12NNL CETTECHNOLOGY-CT-XXS12NNL Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-XXS12NNL CETTECHNOLOGY-CT-XXS12NNL Datasheet
840Kb / 2P
   1000Vdc Isolation Single & Dual Output 250mWatt Dc-Dc Converter
CT-XXS12NNL CETTECHNOLOGY-CT-XXS12NNL Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-XXS12NNL CETTECHNOLOGY-CT-XXS12NNL Datasheet
358Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
CT-XXS12NNL CETTECHNOLOGY-CT-XXS12NNL Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
More results

Similar Description - CT-XXS12NNL

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-13DS1 CETTECHNOLOGY-CT-13DS1 Datasheet
397Kb / 2P
   3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-13D1-1W CETTECHNOLOGY-CT-13D1-1W Datasheet
485Kb / 2P
   3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-12D-2W CETTECHNOLOGY-CT-12D-2W Datasheet
688Kb / 2P
   3000Vdc Isolation Single & Dual Output 2 Watt Dc-Dc Converter
CT-12D-3W CETTECHNOLOGY-CT-12D-3W Datasheet
691Kb / 2P
   3000Vdc Isolation Single Output 3 Watt Dc-Dc Converter
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-13DS2 CETTECHNOLOGY-CT-13DS2 Datasheet
365Kb / 2P
   1000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
CT-10D-1W CETTECHNOLOGY-CT-10D-1W Datasheet
902Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
CT-13D-1W CETTECHNOLOGY-CT-13D-1W Datasheet
954Kb / 2P
   1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
logo
CET Technology, LLC
CT-13DS3 CETTECHNOLOGY-CT-13DS3 Datasheet
484Kb / 2P
   1000Vdc Isolation 1 Watt Single Output Surface Mount Dc-Dc Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com