Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8986AL Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8986AL
Description  CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8986AL Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8986AL Datasheet HTML 3Page - Mitel Networks Corporation MT8986AL Datasheet HTML 4Page - Mitel Networks Corporation MT8986AL Datasheet HTML 5Page - Mitel Networks Corporation MT8986AL Datasheet HTML 6Page - Mitel Networks Corporation MT8986AL Datasheet HTML 7Page - Mitel Networks Corporation MT8986AL Datasheet HTML 8Page - Mitel Networks Corporation MT8986AL Datasheet HTML 9Page - Mitel Networks Corporation MT8986AL Datasheet HTML 10Page - Mitel Networks Corporation MT8986AL Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
MT8986
2-69
bits as shown in table 8 (see IMS register). In case of
different I/O rates (DMO bit HIGH), the switching
configuration is always non-blocking with different
number of I/O streams which is defined by the IDR
and ODR bits (see IMS register).
Identical Input/Output Data Rates
When identical input/output data rate is selected by
the DMO bit, the I/O rate is determined by the IDR0-
1 bits, and the ODR0-1 bits are ignored. For each
data
rate
specified
by
the
IDR
bits, different
switching configurations can be selected in the
SCB1-0 bits.
Serial Links with Data Rates at 2.048 Mb/s
When 2.048 Mb/s data rate is selected at the IDR
bits, four different I/O configurations can be selected
by the SCB1-0 bits (see Table 8); 8 x 8, 16 x 8, 4 x 4
with stream pair selection and nibble switching.
If 8 x 8 switching configuration is selected, a 256 x
256
channel
non-blocking
switching
matrix
is
available. In this configuration, the MT8986 device is
configured with 8 input and 8 output data streams
with 32 64 Kbit/s channels each. The interface clock
for this operation is 4.096 MHz with both ST-BUS
and
GCI
compatibilities
and
the
per-channel
selection between variable and constant throughput
delay functions is provided. This configuration is
available in both the 40 and 44 pin packages.
In 16 x 8 switching configuration, a 512 x 256
channel blocking switch matrix is available. This
configuration is only provided in the 44 pin package
and when the CPU interface is configured in
multiplexed bus mode. The device clock in this
application
is
4.096
MHz,
ST-BUS
or
GCI
compatible. This configuration only provides variable
throughput delay.
If the stream pair selection switching configuration is
selected, only four input and four outputs (4 pairs of
serial streams) can be selected by the CPU to be
internally connected to the switch matrix, totalling a
128 x 128 channel non-blocking switch. From the 10
serial link pairs available, two pairs are permanently
connected to the internal matrix (STi0/STo0 and
STi1/STo1).
An
internal
stream
pair
selection
capability allows two additional pairs of serial links to
be selected from the remaining 8 pairs (from STi/
STo2 to STi9/STo9) and be connected to the internal
matrix along with the permanently connected STi0/
STo0 and STi1/STo1 streams. The two additional pair
of streams called stream pair A and stream pair B,
should be selected in the Stream Pair Selection
register (SPS). The device clock for this operation is
4.096
MHz
compatible
to
ST-BUS
and
GCI
interfaces. In addition, the per-channel selection
between variable or constant throughput delay is
available. This configuration is only provided in the
44 pin packages.
In case of nibble switching, 4-bit wide 32 kb/s data
channels can be switched within the device. In this
case, every serial stream is run at 2.048 Mb/s and
transports 64 nibbles per frame. When Nibble
Switching is selected at SCB bits, the MT8986
automatically assumes a 8 input x 4 output stream
configuration, providing a blocking switch matrix of
512 x 256 nibbles. If a non-blocking switch matrix is
required for nibble switching, the switch capacity is
reduced to 256 x 256 channel with a 4 input x 4
output configuration; the non-blocking matrix can be
arranged by the user by selecting any four of the 8
input streams. In nibble switching the interface clock
is 4.096 MHz.
Serial Links with Data Rates at 4.096 Mb/s
Two I/O configurations can be enabled by the SCB
bits when input and output data rates are 4.096 Mb/s
on each serial stream: 8 x 4 and 4 x 4. When 8 x 4
switching configuration is selected, a 512 x 256
channel blocking switch is available with serial
streams carrying 64, 64 Kb/s channels each. For this
operation, a 4.096 MHz interface clock equal to the
bit rate should be provided to MT8986. Only variable
throughput delay mode is provided.
In case of 4 x 4 switching configuration, a 256 x 256
channel non-blocking switch is available with serial
streams carrying 64, 64 Kb/s channels each. In this
configuration, the interface clock is 4.096 MHz and
the per-channel selection between variable and
constant throughput delay operation is provided.
Figure 20 shows the timing for 4.096 Mb/s operation.
Serial Links with Data Rates at 8.192 Mb/s
Only 2 input x 2 output stream configuration is
available for 8.192 Mb/s, allowing a 256 x 256
channel
non-blocking
switch
matrix
to
be
implemented. To enable this operation, the IDR bits
should be programmed to select 8.192 Mb/s rates
and the SCB bits have no effect. At 8.192 Mb/s,
every input and output stream provides 128 time-
slots per frame. The interface clock for this operation
should be 8.192 MHz. Figure 20 shows the timing for
8.192 Mb/s operation.
Table
1
summarizes
the
MT8986
switching
configurations for identical I/O data rates.


Similar Part No. - MT8986AL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT8986AL TOSHIBA-MT8986AL Datasheet
122Kb / 4P
   CMOS ST-BUS Family Multiple Rate Digital Switch
More results

Similar Description - MT8986AL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
   CMOS ST-BUS Family Multiple Rate Digital Switch
logo
Mitel Networks Corporat...
MT89L86 MITEL-MT89L86 Datasheet
173Kb / 40P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com