Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS9041DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS9041DFT2G
Description  SPDT, Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9041DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS9041DFT2G Datasheet HTML 1Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 2Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 3Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 4Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 5Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 6Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 7Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 8Page - ON Semiconductor NLAS9041DFT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NLAS9041
http://onsemi.com
2
Figure 1. Input Equivalent Circuit
B1
S
B0
A
PIN DESCRIPTION
Pin Name
Description
A, B0, B1
Data Ports
S
Control Input
TRUTH TABLE
Control Input
Function
L
B0 Connected to A
H
B1 Connected to A
H = HIGH Logic Level.
L = LOW Logic Level.
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +6.0
V
VIS
Analog Input Voltage (VNO, VNC, or VCOM)
−0.5 to VCC +0.5
V
VIN
Digital Select Input Voltage
−0.5 to +6.0
V
Ianl1
Continuous DC Current from COM to NC/NO
±300
mA
Ianl−pk1
Peak Current from COM to NC/NO, 10 Duty Cycles (Note 1)
±500
mA
Iclmp
Continuous DC Current into COM/NC/NO with respect to VCC or GND
±100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Defined as 10% ON, 90% off duty cycle.
RECOMMENDED OPERATING CONDITIONS
Symbol
Rating
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIS
Analog Input Voltage (A, B0, B1)
0
VCC
V
VIN
Digital Select Input Voltage (S)
0
VCC
V
TA
Operating Temperature Range
−40
85
°C
tr, tf
Input Rise or Fall Time, SELECT
VCC = 3.0 V
VCC = 5.5 V
20
10
ns/V


Similar Part No. - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051 ONSEMI-NLAS9051 Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9051MNR2G ONSEMI-NLAS9051MNR2G Datasheet
189Kb / 9P
   SPDT Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9041DFT2G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com