Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT89L85 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT89L85
Description  CMOS ST-BUS??FAMILY Enhanced Digital Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT89L85 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT89L85 Datasheet HTML 1Page - Mitel Networks Corporation MT89L85 Datasheet HTML 2Page - Mitel Networks Corporation MT89L85 Datasheet HTML 3Page - Mitel Networks Corporation MT89L85 Datasheet HTML 4Page - Mitel Networks Corporation MT89L85 Datasheet HTML 5Page - Mitel Networks Corporation MT89L85 Datasheet HTML 6Page - Mitel Networks Corporation MT89L85 Datasheet HTML 7Page - Mitel Networks Corporation MT89L85 Datasheet HTML 8Page - Mitel Networks Corporation MT89L85 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Advance Information
MT89L85
3
23
24
R/W
Read/Write (Input). This input controls the direction of the data bus lines (D0-D7)
during a microprocessor access.
24
26
CS
Chip Select (Input). Active low input enabling a microprocessor read or write of
control register or internal memories.
25-27
29-33
27-29
31-35
D7-D0 Data Bus 7 to 0 (Bidirectional). These pins provide microprocessor access to data in
the internal control register, connect memory high, connect memory low and data
memory.
34
1,25,37
VSS
Ground Rail.
35-39
41-43
38-42
44-46
STo7-
STo0
ST-BUS Outputs 7 to 0 (Three-state Outputs). Serial data output streams. These
streams are composed of 32 channels at data rates of 2.048 Mbit/s.
44
47
ODE
Output Drive Enable (Input). This is an output enable for the STo0 to STo7 serial
outputs. If this input is low STo0-7 are high impedance. If this input is high each
channel may still be put into high impedance by software control.
1
48
CSTo Control ST-BUS Output (Output). This output is a 2.048 Mb/s line which contains 256
bits per frame. The level of each bit is controlled by the contents of the CSTo bit in the
Connect Memory high locations.
6,18,
28,40
6,19,30,
43
NC
No Connection.
Pin Description
Pin #
Name
Description
44
PLCC
48
SSOP
Functional Description
With the integration of voice, video and data services
into the same network, there has been an increasing
demand for systems which ensure that data at N x 64
Kbit/s rates maintain frame sequence integrity while
being transported through time slot interchange
circuits. Existing requirements demand time slot
interchange
devices
performing
switching
with
constant
throughput
delay
while
guaranteeing
minimum delay for voice channels.
The MT89L85 device provides both functions and
allows existing systems based on the MT8985 to be
easily upgraded to maintain the data integrity while
multiple channel data are transported. The device is
designed to switch 64 kbit/s PCM or N x 64 kbit/s
data. The MT89L85 can provide both frame integrity
for
data
applications
and
minimum
throughput
switching delay for voice applications on a per
channel basis.
By
using
Mitel
Message
mode
capability,
the
microprocessor can access input and output time
slots on a per channel basis to control devices such
as the MITEL MT8972, ISDN Transceivers and T1/
CEPT trunk interfaces through the ST-BUS interface.
Different digital backplanes can be accepted by the
MT89L85 device without user's intervention. The
MT89L85 device provides an internal circuit that
automatically identifies the polarity and format of
frame synchronization input signals compatible to
ST-BUS and GCI interfaces.
Device Operation
A functional block diagram of the MT89L85 device is
shown in Figure 1. The serial ST-BUS streams
operate continuously at 2.048 Mb/s and are arranged
in 125
µs wide frames each containing 32 8-bit
channels. Eight input (STi0-7) and eight output
(STo0-7) serial streams are provided in the MT89L85
device allowing a complete 256 x 256 channel non-
blocking switch matrix to be constructed. The serial
interface clock for the device is 4.096 MHz, as
required in ST-BUS and GCI specifications.
Data Memory
The received serial data is converted to parallel
format by the on-chip serial to parallel converters
and stored sequentially in a 256-position Data
Memory. The sequential addressing of the Data
Memory is generated by an internal counter that is
reset by the input 8 kHz frame pulse (F0i) marking
the frame boundaries of the incoming serial data
streams.
Depending on the type of information to be switched,
the MT89L85 device can be programmed to perform


Similar Part No. - MT89L85

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT89L80 ZARLINK-MT89L80 Datasheet
349Kb / 17P
   CMOS ST-BUSTM Family
logo
Mitel Networks Corporat...
MT89L80AN MITEL-MT89L80AN Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT89L80AN ZARLINK-MT89L80AN Datasheet
349Kb / 17P
   CMOS ST-BUSTM Family
MT89L80AN1 ZARLINK-MT89L80AN1 Datasheet
349Kb / 17P
   CMOS ST-BUSTM Family
More results

Similar Description - MT89L85

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Toshiba Semiconductor
MT3S35T TOSHIBA-MT3S35T Datasheet
122Kb / 4P
   CMOS ST-BUS Family Multiple Rate Digital Switch
logo
Mitel Networks Corporat...
MT8986 MITEL-MT8986 Datasheet
448Kb / 38P
   CMOS ST-BUS??FAMILY Multiple Rate Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com