Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SG373DFT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NL17SG373DFT2G
Description  Low-Power D-Type Transparent Latch with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373DFT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NL17SG373DFT2G Datasheet HTML 1Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 2Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 3Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 4Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 5Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 6Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 7Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 8Page - ON Semiconductor NL17SG373DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NL17SG373
http://onsemi.com
2
FUNCTION TABLE
Input
Internal Latch
Output
Operating Mode
OE
LE
D
Q
L
H
L
L
L
Enable and Read Register
L
H
H
H
H
(Transparent Mode)
L
L
L
L
L
Latch and Read Register
L
L
H
H
H
H
X
X
X
Z
Latch Register and Disable Output
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +5.5
V
VIN
DC Input Voltage
−0.5 to +5.5
V
VOUT
DC Output Voltage
−0.5 to VCC + 0.5
V
IIK
DC Input Diode Current VIN < GND
−50
mA
IOK
DC Output Diode Current VOUT < GND, VOUT > VCC
±50
mA
IO
DC Output Source/Sink Current
±20
mA
ICC
DC Supply Current Per Supply Pin
±50
mA
IGND
DC Ground Current per Ground Pin
±50
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage Human Body Mode (Note 2)
Machine Model (Note 3)
> 3000
> 200
V
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 4)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
0.9
3.6
V
VIN
Digital Input Voltage
0
3.6
V
VOUT
Output Voltage Active Mode
0
VCC
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt / DV
Input Transition Rise or Fail Rate VCC = 3.3 V ± 0.3 V
0
10
nS/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NL17SG373DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG373DFT2G ONSEMI-NL17SG373DFT2G Datasheet
119Kb / 10P
   Low-Power D-Type Low-Power D-Type
May, 2018 ??Rev. 2
More results

Similar Description - NL17SG373DFT2G

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Fairchild Semiconductor
DM74ALS563A FAIRCHILD-DM74ALS563A Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Output
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
logo
Renesas Technology Corp
HD74AC373 RENESAS-HD74AC373 Datasheet
136Kb / 10P
   Octal Transparent Latch with 3-State Output
logo
Hitachi Semiconductor
HD74AC373 HITACHI-HD74AC373 Datasheet
63Kb / 11P
   Octal Transparent Latch with 3-State Output
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com