Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV70522DQ Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV70522DQ
Description  Micro-Stepping Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV70522DQ Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV70522DQ Datasheet HTML 6Page - ON Semiconductor NCV70522DQ Datasheet HTML 7Page - ON Semiconductor NCV70522DQ Datasheet HTML 8Page - ON Semiconductor NCV70522DQ Datasheet HTML 9Page - ON Semiconductor NCV70522DQ Datasheet HTML 10Page - ON Semiconductor NCV70522DQ Datasheet HTML 11Page - ON Semiconductor NCV70522DQ Datasheet HTML 12Page - ON Semiconductor NCV70522DQ Datasheet HTML 13Page - ON Semiconductor NCV70522DQ Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
NCV70522DQ
www.onsemi.com
10
FUNCTIONAL DESCRIPTION
H−Bridge Drivers
A full H−bridge is integrated for each of the two stator
windings. Each H−bridge consists of two low−side and two
high−side N−type MOSFET switches. Writing logic ‘0’ in
bit <MOTEN> disables all drivers (High−Impedance).
Writing logic ‘1’ in this bit enables both bridges and current
can flow in the motor stator windings.
In order to avoid large currents through the H−bridge
switches, it is guaranteed that the top− and bottom switches
of
the
same
half−bridge
are
never
conductive
simultaneously (interlock delay).
A two−stage protection against shorts on motor lines is
implemented. In a first stage, the current in the driver is
limited. Secondly, when excessive voltage is sensed across
the transistor, the transistor is switched−off.
In order to reduce the radiated/conducted emission,
voltage slope control is implemented in the output switches.
The output slope is defined by the gate−drain capacitance of
output transistor and the (limited) current that drives the
gate. There are two trimming bits for slope control (See
Table 12 SPI Control Parameter Overview EMC[1:0]).
The power transistors are equipped with so−called “active
diodes”: when a current is forced through the transistor
switch in the reverse direction, i.e. from source to drain, then
the transistor is switched on. This ensures that most of the
current flows through the channel of the transistor instead of
through the inherent parasitic drain−bulk diode of the
transistor.
Depending on the desired current range and the
micro−step position at hand, the RDS(on) of the low−side
transistors will be adapted such that excellent current−sense
accuracy is maintained. The RDS(on) of the high−side
transistors remain unchanged, see also the DC−parameter
table for more details.
PWM Current Control
A PWM comparator compares continuously the actual
winding current with the requested current and feeds back
the information to a digital regulation loop. This loop then
generates a PWM signal, which turns on/off the H−bridge
switches. The switching points of the PWM duty−cycle are
synchronized to the on−chip PWM clock.
The frequency of the PWM controller can be doubled to
reduce the over−all current−ripple with a factor of two.
To further reduce the emission, an artificial jitter can be
added to the PWM frequency. (see Table 12, SPI Control
Register 1). The PWM frequency will not vary with changes
in the supply voltage. Also variations in motor−speed or
load−conditions of the motor have no effect. There are no
external components required to adjust the PWM frequency.
Automatic Forward & Slow−Fast Decay
The PWM generation is in steady−state using a
combination of forward and slow−decay. The absence of
fast−decay in this mode, guarantees the lowest possible
current−ripple “by design”. For transients to lower current
levels, fast−decay is automatically activated to allow
high−speed response. The selection of fast or slow decay is
completely transparent for the user and no additional
parameters are required for operation.
Icoil
0
t
Forward & Slow Decay
Actual value
Set value
Figure 6. Forward & Slow/Fast Decay PWM
TPWM
Forward & Slow Decay
Fast Decay & Forward


Similar Part No. - NCV70522DQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70522MN ONSEMI-NCV70522MN Datasheet
251Kb / 29P
   Micro-Stepping Motor Driver
February, 2015 ??Rev. 1
NCV70522MN003G ONSEMI-NCV70522MN003G Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70522MN003G ONSEMI-NCV70522MN003G Datasheet
251Kb / 29P
   Micro-Stepping Motor Driver
February, 2015 ??Rev. 1
NCV70522MN003R2G ONSEMI-NCV70522MN003R2G Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
More results

Similar Description - NCV70522DQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
NCV70628 ONSEMI-NCV70628 Datasheet
514Kb / 58P
   Micro-stepping Motor Driver
December, 2017 ??Rev. 0
NCV70627 ONSEMI-NCV70627 Datasheet
558Kb / 61P
   Micro-stepping Motor Driver
August, 2015 ??Rev. 0
NCV70522 ONSEMI-NCV70522 Datasheet
341Kb / 29P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 0
NCV70514 ONSEMI-NCV70514_16 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
October, 2016 ??Rev. 3
NCV70514 ONSEMI-NCV70514 Datasheet
318Kb / 31P
   Micro-stepping Motor Driver
September, 2015 ??Rev. 2
AMIS-30521 ONSEMI-AMIS-30521 Datasheet
292Kb / 28P
   Micro-Stepping Motor Driver
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com