Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV53480 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV53480
Description  Low-Power OOK/FSK/ASK ISM Band Transceiver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV53480 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV53480 Datasheet HTML 3Page - ON Semiconductor NCV53480 Datasheet HTML 4Page - ON Semiconductor NCV53480 Datasheet HTML 5Page - ON Semiconductor NCV53480 Datasheet HTML 6Page - ON Semiconductor NCV53480 Datasheet HTML 7Page - ON Semiconductor NCV53480 Datasheet HTML 8Page - ON Semiconductor NCV53480 Datasheet HTML 9Page - ON Semiconductor NCV53480 Datasheet HTML 10Page - ON Semiconductor NCV53480 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
NCV53480
http://onsemi.com
7
STARTUP TIMING
Table 5. STARTUP TIMING
Symbol
Parameter
Description
Min
Typ
Max
Unit
TReady
Without Quick−Start
Time from low−power standby to crystal en-
abled, ready for instruction.
10
ms
With Quick−Start
30
ms
TRX
Without Quick−Start
Time for receiver startup (does not include data
filter setting dependant settling time) from low−
power state.
10
ms
With Quick−Start
120
ms
TTX
Without Quick−Start
Time for transmitter startup, ready for data trans-
mission from a low−power state.
10
ms
With Quick−Start
120
ms
TRXTX/TRXRX/
TTXRX/TTXTX
Receive to transmit and transmit to receive
switching time and channel switching time.
120
ms
RF SPECIFICATIONS
Table 6. OSCILLATORS CHARACTERISTICS (Typical Application Circuit, 50 W System Impedance, unless otherwise noted)
(VDD = 2.2 V to 3.6 V, TA = −40°C to 105°C, typical is 3.0 V, TA = 25°C)
Parameter
Description
Min
Typ
Max
Unit
CRYSTAL OSCILLATOR
Frequency
Crystal oscillator is selectable between 20 MHz or
24 MHz
20 /
24
MHz
INTERNAL IC OSCILLATOR
Frequency
IC oscillator operating frequency
9.95
10.0
10.05
KHz
Temperature Coefficient
500
ppm/C
PHASE−LOCKED LOOP (PLL)
PLL Frequency Range
PLL Frequency Range
174
470
MHz
Phase Noise at 10 kHz Offset
−80
dBc/Hz
Phase Noise at 100 kHz Offset
−70
PLL Lock Time
Using internal loop filter
40
ms


Similar Part No. - NCV53480

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV500 ONSEMI-NCV500 Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN185T1G ONSEMI-NCV500SN185T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN18T1G ONSEMI-NCV500SN18T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN28T1G ONSEMI-NCV500SN28T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
NCV500SN33T1G ONSEMI-NCV500SN33T1G Datasheet
171Kb / 18P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
June, 2015 ??Rev. 22
More results

Similar Description - NCV53480

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
REV. C
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
RF2915 RFMD-RF2915 Datasheet
386Kb / 18P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com