Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4949CPDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV4949CPDR2G
Description  Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949CPDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV4949CPDR2G Datasheet HTML 1Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 2Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 3Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 4Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 5Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 6Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 7Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 8Page - ON Semiconductor NCV4949CPDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCV4949C
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 8. Quiescent Current vs. Supply
Voltage
Figure 9. Reset Delay Threshold vs. Junction
Temperature
VCC, SUPPLY VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
40
30
25
20
15
10
5
0
0
1
2
3
4
6
7
8
160
120
80
40
0
−40
1.80
1.82
1.84
1.86
1.90
1.92
1.94
1.96
Figure 10. Reset Output vs. Regulator Output
Voltage
Figure 11. Reset Thresholds vs. Junction
Temperature
VOUT, OUTPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
5.0
4.7
4.6
4.5
4.4
4.3
4.2
4.0
0
1
2
3
4
5
6
160
120
80
40
0
−40
4.40
4.45
4.50
4.55
4.65
4.70
4.75
4.80
Figure 12. Sense Output vs. Sense Input
Voltage
Figure 13. Sense Thresholds vs. Junction
Temperature
VSI, SENSE INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
1.5
1.4
1.3
1.2
1.1
1.0
0
1
2
3
4
5
6
160
120
80
40
0
−40
1.15
1.20
1.25
1.30
1.35
1.40
TJ = 25°C
RL = 100 W
RL = 5 kW
35
5
VCC = 14 V
1.88
4.1
4.8
4.9
VCC = 14 V
TJ = 25°C
Resistor 10 k
W
from Reset Output
to 5.0 V
4.60
VCC = 14 V
Upper Threshold
Lower Threshold
VCC = 14 V
Upper Threshold
Lower Threshold
VCC = 14 V
TJ = 25°C
Resistor 10 k
W
from Reset Output
to 5.0 V


Similar Part No. - NCV4949CPDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949CPDR2G ONSEMI-NCV4949CPDR2G Datasheet
111Kb / 10P
   Low Dropout Voltage Regulator
February, 2017 ??Rev. 1
More results

Similar Description - NCV4949CPDR2G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com