Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4949C Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV4949C
Description  Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949C Datasheet(HTML) 1 Page - ON Semiconductor

  NCV4949C Datasheet HTML 1Page - ON Semiconductor NCV4949C Datasheet HTML 2Page - ON Semiconductor NCV4949C Datasheet HTML 3Page - ON Semiconductor NCV4949C Datasheet HTML 4Page - ON Semiconductor NCV4949C Datasheet HTML 5Page - ON Semiconductor NCV4949C Datasheet HTML 6Page - ON Semiconductor NCV4949C Datasheet HTML 7Page - ON Semiconductor NCV4949C Datasheet HTML 8Page - ON Semiconductor NCV4949C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
December, 2015 − Rev. 0
1
Publication Order Number:
NCV4949C/D
NCV4949C
100 mA, 5.0 V, Low Dropout
Voltage Regulator with
Reset and Sense
The NCV4949C is a monolithic integrated 5.0 V voltage regulator
with a very low dropout and additional functions such as reset and an
uncommitted voltage sense comparator.
It is designed for supplying microcontroller/microprocessor
controlled systems particularly in automotive applications. The
NCV4949C has improved reset behavior for lower input and output
voltage levels.
Features
Operating DC Supply Voltage Range 5.5 V to 40 V
High Precision Output Voltage 5.0 V ±1%
Output Current Capability Up to 100 mA
Very Low Dropout Voltage Less Than 0.4 V
Reset Circuit Sensing The Output Voltage
Programmable Reset Pulse Delay
Voltage Sense Comparator
Fault Protection, +60 V Peak Transient Voltage, −40 V Reverse
Voltage, Short Circuit, Thermal Overload
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
These are Pb−Free Devices
Regulator
Vref
2.0
mA
Reset
Sense
GND
Sense
Output
(So)
Reset
Sense
Input (Si)
Supply
Voltage (VCC)
NC
Output
Voltage (Vout)
CT
3
84
6
7
5
2
1
Figure 1. Representative Block Diagram
1.25 V
2.0 V
www.onsemi.com
(Top View)
PIN CONNECTIONS
1
2
3
4
8
7
6
5
NC
CT
GND
Si
VCC
Reset
So
Vout
SOIC−8
D SUFFIX
CASE 751−07
1
8
V4949C
ALYW
G
1
8
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or
G = Pb−Free Device
MARKING
DIAGRAMS
SOIC−8 EP
PD SUFFIX
CASE 751AC
1
8
1
8
V4949C
ALYW
G
G
(Note: Microdot may be in either location)


Similar Part No. - NCV4949C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949C ONSEMI-NCV4949C Datasheet
111Kb / 10P
   Low Dropout Voltage Regulator
February, 2017 ??Rev. 1
NCV4949CDR2G ONSEMI-NCV4949CDR2G Datasheet
111Kb / 10P
   Low Dropout Voltage Regulator
February, 2017 ??Rev. 1
NCV4949CPDR2G ONSEMI-NCV4949CPDR2G Datasheet
111Kb / 10P
   Low Dropout Voltage Regulator
February, 2017 ??Rev. 1
NCV4949C ONSEMI-NCV4949C_17 Datasheet
111Kb / 10P
   Low Dropout Voltage Regulator
February, 2017 ??Rev. 1
More results

Similar Description - NCV4949C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com