Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5901BMNTBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5901BMNTBG
Description  VR12 Compatible Synchronous Buck MOSFET Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5901BMNTBG Datasheet(HTML) 7 Page - ON Semiconductor

  NCP5901BMNTBG Datasheet HTML 1Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 2Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 3Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 4Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 5Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 6Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 7Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 8Page - ON Semiconductor NCP5901BMNTBG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NCP5901B
http://onsemi.com
7
APPLICATIONS INFORMATION
The NCP5901B gate driver is a single phase MOSFET
driver designed for driving N−channel MOSFETs in a
synchronous buck converter topology. The NCP5901B is
designed to work with ON Semiconductor’s NCP6131
multi−phase controller. This gate driver is optimized for
desktop applications.
Undervoltage Lockout
The DRVH and DRVL are held low until VCC reaches
4.5 V during startup. The PWM signals will control the gate
status when VCC threshold is exceeded. If VCC decreases to
250 mV below the threshold, the output gate will be forced
low until input voltage VCC rises above the startup threshold.
Power−On Reset
Power−On Reset feature is used to protect a gate driver
avoid abnormal status driving the startup condition. When
the initial soft−start voltage is higher than 2.75 V, the gate
driver will monitor the switching node SW pin. If SW pin
high than 2.25 V, bottom gate will be force to high for
discharge the output capacitor. The fault mode will be latch
and EN pin will force to be low, unless the driver is recycle.
When input voltage is higher than 4.5 V, and EN goes high,
the gate driver will normal operation, top gate driver
DRVH and bottom gate driver will follow the PWM signal
decode to a status.
Bi−directional EN Signal
Fault modes such as Power−On Reset and Undervoltage
Lockout will de−assert the EN pin, which will pull down
the DRON pin of controller as well. Thus the controller will
be shut down consequently.
PWM Input and Zero Cross Detect (ZCD)
The PWM input, along with EN and ZCD, control the
state of DRVH and DRVL.
When PWM is set high, DRVH will be set high after the
adaptive non−overlap delay. When PWM is set low, DRVL
will be set high after the adaptive non−overlap delay.
When the PWM is set to the mid state, DRVH will be set
low, and after the adaptive non−overlap delay, DRVL will
be set high. DRVL remains high during the ZCD blanking
time. When the timer is expired, the SW pin will be
monitored for zero cross detection. After the detection, the
DRVL will be set low.
Adaptive Nonoverlap
The nonoverlap dead time control is used to avoid the
shoot through damage the power MOSFETs. When the
PWM signal pull high, DRVL will go low after a
propagation delay, the controller will monitors the
switching node (SWN) pin voltage and the gate voltage of
the MOSFET to know the status of the MOSFET. When the
low side MOSFET status is off an internal timer will delay
turn on of the high–side MOSFET. When the PWM pull
low, gate DRVH will go low after the propagation delay
(tpd DRVH).
The time to turn off the high side MOSFET is depending
on the total gate charge of the high−side MOSFET. A timer
will be triggered once the high side MOSFET is turn off to
delay the turn on the low−side MOSFET.
Low−Side Driver Timeout
In normal operation, the DRVH signal tracks the PWM
signal and turns off the Q1 high−side switch with a few 10
ns delay (tpdlDRVH) following the falling edge of the input
signal. When Q1is turned off, DRVL is allowed to go high,
Q2 turns on, and the SW node voltage collapses to zero. But
in a fault condition such as a high−side Q1 switch
drain−source short circuit, the SW node cannot fall to zero,
even when DRVH goes low. This driver has a timer circuit
to address this scenario. Every time the PWM goes low, a
DRVL on−time delay timer is triggered.
If the SW node voltage does not trigger a low−side
turn−on, the DRVL on−time delay circuit does it instead,
when it times out with tSW(TO) delay. If Q1 is still turned on,
that is, its drain is shorted to the source, Q2 turns on and
creates a direct short circuit across the VDCIN voltage rail.
The crowbar action causes the fuse in the VDCIN current
path to open. The opening of the fuse saves the load (CPU)
from potential damage that the high−side switch short
circuit could have caused.
Layout Guidelines
Layout for DC−DC converter is very important. The
bootstrap and VCC bypass capacitors should be placed as
close as to the driver IC.
Connect GND pin to local ground plane. The ground
plane can provide a good return path for gate drives and
reduce the ground noise. The thermal slug should be tied to
the ground plane for good heat dissipation. To minimize the
ground loop for low side MOSFET, the driver GND pin
should be close to the low−side MOSFET source pin. The
gate drive trace should be routed to minimize the length,
the minimum width is 20 mils.
Gate Driver Power Loss Calculation
The gate driver power loss consists of the gate drive loss
and quiescent power loss.
The equation below can be used to calculate the power
dissipation of the gate driver. Where QGMFis the total gate
charge for each main MOSFET and QGSF is the total gate
charge for each synchronous MOSFET.
PDRV + [
f
SW
2
n
nMF
QGMF ) nSF
QGSF ) ICC]
VCC
Also shown is the standby dissipation factor (ICC
⋅ VCC)
of the driver.


Similar Part No. - NCP5901BMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
More results

Similar Description - NCP5901BMNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5901MNTBG ONSEMI-NCP5901MNTBG Datasheet
140Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP5901BMNTBG ONSEMI-NCP5901BMNTBG Datasheet
144Kb / 9P
   VR12 Compatible Synchronous Buck MOSFET Drivers
February, 2011 ??Rev. 1
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP81146 ONSEMI-NCP81146 Datasheet
131Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
October, 2013 ??Rev. 0
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com