Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1256BSN100T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1256BSN100T1G
Description  Low Power Offline PWM Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1256BSN100T1G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1256BSN100T1G Datasheet HTML 1Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 2Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 3Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 4Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 5Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 6Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 7Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 8Page - ON Semiconductor NCP1256BSN100T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP1256
www.onsemi.com
4
S
R
Q
Q
65/100
kHz clock
Jitter
mod.
Vcc
Drv
Vcc and logic
management
Vdd
power
on reset
LEB1
vdd
/ 3
4 ms
SS
Power on
reset
GND
CS
FB
1−us time
constant
Frequency
foldback
Vlatch1
Vfold
S
R
Q
Q
Clamp
Up counter
4
double
hiccup
RST
Event
gone?
peak current
freeze
VFB < 0.75 V ? setpoint = 250 mV
UVLO
BO
VBO1
VBO2
BO
VOVP
20 us
Ip
flag = 1 if over current
−−> start timer −−> auto rec.
invert
vdd
OPPGM
IOPPLL
Vlatch2
RFB
Validated
during off time
(option)
ICSO
Pre−short
Latched OCP
(option)
UVLO?
checked at
PON only
latched OCP opt.
Iopp3
VFB < VfoldF Iopp3 = 0
VFB > VoppF Iopp3 = I1
I2=0
I1=I2
VFB
RdBO
DZBO
I1
I2
BO
reset
= 1 if timer
completed
OCP timer completed
Auto−recovery dble hiccup
OVP on BO
OVP on CS
Logic
mngt
1−us time
constant
Figure 4. Internal Block Diagram
Auto−recovery
for E version
no clamp
for E version
Table 3. MAXIMUM RATINGS TABLE
Symbol
Rating
Value
Unit
Vcc
Power Supply voltage, Vcc pin, continuous voltage
−0.3 to 28
V
Maximum voltage on low power pins CS, FB and BO
−0.3 to 10
V
VDRV
Maximum voltage on DRV pin
−0.3 to Vcc+0.3
V
RθJ−A
Thermal Resistance Junction−to−Air
360
°C/W
TJ,max
Maximum Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
HBM
Human Body Model ESD Capability per JEDEC JESD22−A114F
4
kV
MM
Machine Model ESD Capability per JEDEC JESD22−A115C
200
V
CDM
Charged−Device Model ESD Capability per JEDEC JESD22−C101E
750
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - NCP1256BSN100T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1256BSN100T1G ONSEMI-NCP1256BSN100T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
More results

Similar Description - NCP1256BSN100T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
   Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
Texas Instruments
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com