Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1256BSN65T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1256BSN65T1G
Description  Low Power Offline PWM Current Mode Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1256BSN65T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1256BSN65T1G Datasheet HTML 1Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 2Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 3Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 4Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 5Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 6Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 7Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 8Page - ON Semiconductor NCP1256BSN65T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
NCP1256
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, Vcc = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCCON
VCC increasing level at which driving pulses are authorized
5
16
18
20
V
VCC(min)
VCC decreasing level at which driving pulses are stopped
5
8.3
8.9
9.5
V
VCCHYST
Hysteresis VccON−Vcc(min)
5
8
V
VCCreset
Latched state reset voltage
5
VCC(min)−2
50 mV
V
ICC1
Start−up current
5
10
mA
ICC2
Internal IC consumption with VFB = 3.2 V and CL = 0
FSW = 65 kHz
FSW = 100 kHz
5
1.30
1.35
mA
ICC3
Internal IC consumption with VFB = 3.2 V and CL = 1 nF
FSW = 65 kHz
FSW = 100 kHz
5
1.8
2.5
mA
Idis
Natural part consumption in hiccup mode – non switching
5
350
mA
ICCstby
Static consumption between two skip cycles
5
420
mA
ICCnoload
Internal IC consumption while in skip mode (Vcc = 14 V, driving a typi-
cal 7−A/600−V MOSFET, includes opto current) (Note 1)
5
440
mA
DRIVE SECTION
Tr
Output voltage rise−time @ CL = 1 nF, 10−90% of output signal
6
40
ns
Tf
Output voltage fall−time @ CL = 1 nF, 10−90% of output signal
6
30
ns
ROH
Source resistance
6
13
W
ROL
Sink resistance
6
6
W
Isource
Peak source current, VGS = 0 V (Note 2)
6
500
mA
Isink
Peak sink current, VGS = 12 V (Note 2)
6
500
mA
VDRVlow
DRV pin level at VCC close to VCC(min) with a 33−kW resistor to GND
6
8
V
VDRVhigh
DRV pin level at VCC= VOVP−0.2 V – DRV unloaded
6
10
12
14
V
CURRENT COMPARATOR
VLimit
Maximum internal current setpoint – no OPP
4
0.744
0.8
0.856
V
VfoldI
Default internal voltage set point for frequency foldback trip point
≈ 63%
of Vlimit
4
500
mV
VfreezeI
Internal peak current setpoint freeze (
≈31% of Vlimit)
4
250
mV
TDEL
Propagation delay from current detection to gate off−state
4
40
60
ns
TLEB1
Leading Edge Blanking Duration – first OCP path
4
300
ns
TSS
Internal soft−start duration activated upon startup, auto−recovery
4
ms
ICSO
Internal pull−up source for pin opening safety test
4
1
mA
IOPP1
Voltage on VFB < VfoldF, percentage of applied OPP current
4
0
%
IOPP2
Voltage on VFB > VfoldF + 0.7 V, percentage of applied OPP current
4
100
%
IOPP3
Voltage on pin 3 = 2.65 V (265 V rms in) AND VFB > VfoldF
4
170
185
210
mA
IOPP3clp
Voltage on pin 3 > 2.65 V – clamped OPP current
4
185
mA
IOPPLL
OPP current delivered from CS pin for Vpin3 = VBOon
4
6
mA
OPPgm
Internal OTA for OPP current generation from BO
4
105
115
125
mS
1. For information only, collected on a typical 45−W adapter.
2. Guaranteed by design
3. Not tested in production.


Similar Part No. - NCP1256BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1256BSN65T1G ONSEMI-NCP1256BSN65T1G Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
More results

Similar Description - NCP1256BSN65T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1361 ONSEMI-NCP1361 Datasheet
357Kb / 26P
   Low Power Offline Constant Current PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
NCP1250 ONSEMI-NCP1250_V01 Datasheet
433Kb / 25P
   PWM Controller, Current Mode, for Offline Power Supplies
April, 2015 - Rev. 10
NCP1256 ONSEMI-NCP1256_V01 Datasheet
597Kb / 25P
   Low Power Offline PWM Current Mode Controller with Brown-Out Protection
December, 2020 - Rev. 6
NCP1360 ONSEMI-NCP1360_16 Datasheet
373Kb / 29P
   Low Power Offline Constant Current & Constant Voltage Primary Side PWM Current-Mode Controller
June, 2016 ??Rev. 3
NCP1361 ONSEMI-NCP1361_V01 Datasheet
584Kb / 29P
   Low Power Offline Constant Current PWM Current-Mode Controller with/without High Voltage Startup Current Source
February, 2018 - Rev. 3
logo
Texas Instruments
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com