Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1032 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1032
Description  Low Power PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1032 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1032 Datasheet HTML 1Page - ON Semiconductor NCP1032 Datasheet HTML 2Page - ON Semiconductor NCP1032 Datasheet HTML 3Page - ON Semiconductor NCP1032 Datasheet HTML 4Page - ON Semiconductor NCP1032 Datasheet HTML 5Page - ON Semiconductor NCP1032 Datasheet HTML 6Page - ON Semiconductor NCP1032 Datasheet HTML 7Page - ON Semiconductor NCP1032 Datasheet HTML 8Page - ON Semiconductor NCP1032 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 2
1
Publication Order Number:
NCP1032/D
NCP1032
Low Power PWM Controller
with On-Chip Power Switch
and Startup Circuits for
Telecom Systems
The NCP1032 is a miniature high−voltage monolithic switching
converter with on−chip power switch and startup circuits. It
incorporates in a single IC all the active power control logic and
protection circuitry required to implement, with minimal external
components several switching regulator applications, such as a
secondary side bias supply or a low power DC−DC converter. This
converter is ideally suited for 24 V and 48 V telecom and medical
isolated power supply applications. The NCP1032 can be configured
in any single−ended topology such as forward or flyback converter.
The NCP1032 is targeted for applications requiring up to 3 W.
The internal error amplifier allows the NCP1032 to be easily
configured for secondary or primary side regulation operation in
isolated and non−isolated configurations. The fixed frequency
oscillator is optimized for operation up to 1 MHz and is capable of
external frequency synchronization, providing additional design
flexibility. In addition, the NCP1032 incorporates undervoltage and
overvoltage line detectors, programmable cycle−by−cycle current
limit, internal soft−start, and thermal shutdown to protect the
controller under fault conditions.
Features
On Chip High 200 V Power Switch Circuit and Startup Circuit
Internal Startup Regulator with Auxiliary Winding Override
Programmable Oscillator Frequency Operation up to 1 MHz
External Frequency Synchronization Capability
Frequency Fold−down Under Fault Conditions
Trimmed ± 2% Internal Reference
Programmable Cycle−by−Cycle Current Limit
Internal Soft−Start
Active Leading Edge Blanking Circuit
Line Under and Over Voltage Protection
Over Temperature Protection
These are Pb−Free Devices
Typical Applications
POE (Power Over Ethernet)/PD. Refer to Application Note AND8247
Secondary Side Bias Supply for Isolated DC−DC Converters
Stand Alone Low Power DC−DC Converter
Low Power Bias Supply
Low Power Boost Converter
Medical Isolated Power Supplies
Bias Supply for Telecom Systems. Refer to App Note AND8119/D
http://onsemi.com
MARKING
DIAGRAMS
1032 = Specific Device Marking
x
= A or B
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
G = Pb−Free Package
PIN CONNECTIONS
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 20 of this data sheet.
ORDERING INFORMATION
WDFN8
MN SUFFIX
CASE 511BH
1032x
ALYW
G
G
WDFN8 (Top View)
GND
GND
CT
VFB
COMP
VCC
VDRAIN
CL
UV/OV
1


Similar Part No. - NCP1032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1032 ONSEMI-NCP1032 Datasheet
532Kb / 21P
   Low Power PWM Controller
October, 2016 ??Rev. 3
NCP1032AMNTXG ONSEMI-NCP1032AMNTXG Datasheet
532Kb / 21P
   Low Power PWM Controller
October, 2016 ??Rev. 3
NCP1032BMNTXG ONSEMI-NCP1032BMNTXG Datasheet
532Kb / 21P
   Low Power PWM Controller
October, 2016 ??Rev. 3
NCP1032 ONSEMI-NCP1032_16 Datasheet
532Kb / 21P
   Low Power PWM Controller
October, 2016 ??Rev. 3
More results

Similar Description - NCP1032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1030 ONSEMI-NCP1030_14 Datasheet
192Kb / 21P
   Low Power PWM Controller
September, 2014 ??Rev. 11
NCP1032 ONSEMI-NCP1032_16 Datasheet
532Kb / 21P
   Low Power PWM Controller
October, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
logo
Texas Instruments
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
logo
Unisonic Technologies
US4651S UTC-US4651S Datasheet
363Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com