Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393S Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM393S
Description  Low Offset Voltage Dual Comparators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393S Datasheet(HTML) 1 Page - ON Semiconductor

  LM393S Datasheet HTML 1Page - ON Semiconductor LM393S Datasheet HTML 2Page - ON Semiconductor LM393S Datasheet HTML 3Page - ON Semiconductor LM393S Datasheet HTML 4Page - ON Semiconductor LM393S Datasheet HTML 5Page - ON Semiconductor LM393S Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 0
1
Publication Order Number:
LM393S/D
LM393S, LM2903S
Low Offset Voltage
Dual Comparators
The LM393S and LM2903S are dual, independent, precision
voltage comparators capable of single or split supply operation. These
devices are designed to permit a common mode range to ground level
with single supply operation. Input offset voltage specifications as low
as 2.0 mV make this device an excellent selection for many
applications in consumer, automotive, and industrial electronics.
Features
Wide Single−Supply Range: 2.0 Vdc to 36 Vdc
Split−Supply Range: ±1.0 Vdc to ±18 Vdc
Very Low Current Drain Independent of Supply Voltage: 0.4 mA
Low Input Bias Current: 25 nA
Low Input Offset Current: 5.0 nA
Low Input Offset Voltage: 5.0 mV (max) with LM393S
Input Common Mode Range to Ground Level
Differential Input Voltage Range Equal to Power Supply Voltage
Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS
Logic Levels
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
VCC
+ Input
- Input
Output
Q3
R4
Q4
Q5
R2
Q6
Q14
Q16
Q15
Q12
Q11
Q10
Q9
Q8
Q2
Q1
F1
2.0 k
2.1 k
R1
4.6 k
Figure 1. Representative Schematic Diagram
(Diagram shown is for 1 comparator)
See detailed marking information and ordering and shipping
information on page 7 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
(Top View)
GND
Inputs A
Inputs B
Output B
Output A
VCC
+
+
1
2
3
4
8
7
6
5
http://onsemi.com
MARKING
DIAGRAMS
PDIP−8
N SUFFIX
CASE 626
LM2903SN
AWL
YYWWG
LMxxxx = Specific Device Code
A, AL
= Assembly Location
WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
LM393SN
AWL
YYWWG


Similar Part No. - LM393S

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM393S8-XX-AR TAITRON-LM393S8-XX-AR Datasheet
303Kb / 11P
   Voltage Comparator
LM393S8-XX-BL TAITRON-LM393S8-XX-BL Datasheet
303Kb / 11P
   Voltage Comparator
LM393S8-XX-TR30 TAITRON-LM393S8-XX-TR30 Datasheet
303Kb / 11P
   Voltage Comparator
LM393S8-XX-TR70 TAITRON-LM393S8-XX-TR70 Datasheet
303Kb / 11P
   Voltage Comparator
LM393S8-XX-TU TAITRON-LM393S8-XX-TU Datasheet
303Kb / 11P
   Voltage Comparator
More results

Similar Description - LM393S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM393 ONSEMI-LM393_16 Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM393 ONSEMI-LM393_V01 Datasheet
331Kb / 13P
   Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
logo
ADDtek Corp
AMC393 ADDTEK-AMC393 Datasheet
136Kb / 8P
   LOW OFFSET VOLTAGE DUAL COMPARATORS
JUNE 2006
logo
ON Semiconductor
LM393 ONSEMI-LM393_06 Datasheet
107Kb / 10P
   Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM393 ONSEMI-LM393 Datasheet
115Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com