Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8981DE Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MT8981DE
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8981DE Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MT8981DE Datasheet HTML 1Page - Mitel Networks Corporation MT8981DE Datasheet HTML 2Page - Mitel Networks Corporation MT8981DE Datasheet HTML 3Page - Mitel Networks Corporation MT8981DE Datasheet HTML 4Page - Mitel Networks Corporation MT8981DE Datasheet HTML 5Page - Mitel Networks Corporation MT8981DE Datasheet HTML 6Page - Mitel Networks Corporation MT8981DE Datasheet HTML 7Page - Mitel Networks Corporation MT8981DE Datasheet HTML 8Page - Mitel Networks Corporation MT8981DE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISO-CMOS
MT8981D
2-19
22-
24
25-
27
D7-D5 Data 7 to 5 (Three-state I/O Pins). These are the bidirectional data pins on the
microprocessor interface.
25-
29
29-
33
D4-D0 Data 4 to 0 (Three-state I/O Pins). These are the bidirectional data pins on the
microprocessor interface.
30
34
VSS
Power Input. Negative Supply (Ground).
31-
34
35-
38
IC
Internal Connections. Leave pins disconnected.
35
39
STo3 ST-BUS Output 3 (Three-state Outputs). These are the pins for the four 2048 kbit/s ST-
BUS output streams.
36-
38
41-
43
STo2-
STo0
ST-BUS Output 2 to 0 (Three-state Outputs). These are the pins for the four 2048
kbit/s ST-BUS output streams.
39
44
ODE Output Drive Enable (Input). If this input is held high, the STo0-STo3 output drivers function
normally. If this input is low, the STo0-STo3 output drivers go into their high impedance state.
NB: Even when ODE is high, channels on the STo0-STo3 outputs can go high impedance
under software control.
40
1
IC
Internal Connection. Leave pin disconnected.
Pin Description (continued)
Pin #
Name
Description
40
DIP
44
PLCC


Similar Part No. - MT8981DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981DE MITEL-MT8981DE Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
561Kb / 17P
   Digital Switch
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results

Similar Description - MT8981DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com