Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8980DE Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8980DE
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8980DE Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8980DE Datasheet HTML 7Page - Mitel Networks Corporation MT8980DE Datasheet HTML 8Page - Mitel Networks Corporation MT8980DE Datasheet HTML 9Page - Mitel Networks Corporation MT8980DE Datasheet HTML 10Page - Mitel Networks Corporation MT8980DE Datasheet HTML 11Page - Mitel Networks Corporation MT8980DE Datasheet HTML 12Page - Mitel Networks Corporation MT8980DE Datasheet HTML 13Page - Mitel Networks Corporation MT8980DE Datasheet HTML 14Page - Mitel Networks Corporation MT8980DE Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MT8980D
2-13
† Timing is over recommended temperature & power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Contents of Connection Memory are not lost if the clock stops, however, ST-BUS outputs go into the high impedance state.
NB: Frame Pulse is repeated every 512 cycles of C4i.
Figure 12 - Frame Alignment
Figure 13 - Clock Timing
AC Electrical Characteristics- Clock Timing (Figures 12 and 13)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
I
N
P
U
T
S
Clock Period*
tCLK
220
244
300
ns
2
Clock Width High
tCH
95
122
150
ns
3
Clock Width Low
tCL
110
122
150
ns
4
Clock Transition Time
tCTT
20
ns
5
Frame Pulse SetupTime
tFPS
20
200
ns
6
Frame Pulse Hold Time
tFPH
0.020
50
µs
7
Frame Pulse Width
tFPW
244
ns
C4i
F0i
BIT
CELLS
Channel 31
Bit o
Channel 0
Bit 7
tCLK
tCTT
tCH
tCHL
tCTT
tFPH
tFPS
tFPH
tFPS
tFPW
tCL
C4i
F0i
2.0V
0.8V
2.0V
0.8V


Similar Part No. - MT8980DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980DE MITEL-MT8980DE Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980DE ZARLINK-MT8980DE Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
MT8980DE1 ZARLINK-MT8980DE1 Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
More results

Similar Description - MT8980DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com