Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8980DE Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8980DE
Description  ISO-CMOS ST-BUS??FAMILY Digital Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8980DE Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8980DE Datasheet HTML 6Page - Mitel Networks Corporation MT8980DE Datasheet HTML 7Page - Mitel Networks Corporation MT8980DE Datasheet HTML 8Page - Mitel Networks Corporation MT8980DE Datasheet HTML 9Page - Mitel Networks Corporation MT8980DE Datasheet HTML 10Page - Mitel Networks Corporation MT8980DE Datasheet HTML 11Page - Mitel Networks Corporation MT8980DE Datasheet HTML 12Page - Mitel Networks Corporation MT8980DE Datasheet HTML 13Page - Mitel Networks Corporation MT8980DE Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MT8980D
2-12
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 11 - Output Test Load
Absolute Maximum Ratings*
Parameter
Symbol
Min
Max
Units
1VDD - VSS
-0.3
7
V
2
Voltage on Digital Inputs
VI
VSS-0.3
VDD+0.3
V
3
Voltage on Digital Outputs
VO
VSS-0.3
VDD+0.3
V
4
Current at Digital Outputs
IO
40
mA
5
Storage Temperature
TS
-65
+150
°C
6
Package Power Dissipation
PD
2W
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Operating Temperature
TOP
-40
+85
°C
2
Positive Supply
VDD
4.75
5.25
V
3
Input Voltage
VI
0VDD
V
DC Electrical Characteristics - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ
1
I
N
P
U
T
S
Supply Current
IDD
6
10
mA
Outputs unloaded
2
Input High Voltage
VIH
2.0
V
3
Input Low Voltage
VIL
0.8
V
4
Input Leakage
IIL
5
µAV
I between VSS and VDD
5
Input Pin Capacitance
CI
8pF
6
O
U
T
P
U
T
S
Output High Voltage
VOH
2.4
V
IOH = 10 mA
7
Output High Current
IOH
10
15
mA
Sourcing. VOH=2.4V
8
Output Low Voltage
VOL
0.4
V
IOL = 5 mA
9
Output Low Current
IOL
5
10
mA
Sinking. VOL = 0.4V
10
High Impedance Leakage
IOZ
5
µAV
O between VSS and VDD
11
Output Pin Capacitance
CO
8pF
Output
Pin
Test Point
CL
VSS
S1
RL
VDD
S2
VSS
S1 is open circuit except
when testing output levels
or high impedance states.
S2 is switched to VDD or
VSS when testing output
levels or high impedance
states.


Similar Part No. - MT8980DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8980DE MITEL-MT8980DE Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980DE ZARLINK-MT8980DE Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
MT8980DE1 ZARLINK-MT8980DE1 Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
More results

Similar Description - MT8980DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8982 MITEL-MT8982 Datasheet
223Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT8982-1 MITEL-MT8982-1 Datasheet
133Kb / 19P
   ISO-CMOS ST-BUS??FAMILY Small Digital Switch (MiniDX)
MT89L80 MITEL-MT89L80 Datasheet
75Kb / 15P
   CMOS ST-BUS??FAMILY Digital Switch
MT89L85 MITEL-MT89L85 Datasheet
134Kb / 20P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT8985 MITEL-MT8985 Datasheet
345Kb / 18P
   CMOS ST-BUS??FAMILY Enhanced Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com