Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8972BC Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MT8972BC
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8972BC Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MT8972BC Datasheet HTML 7Page - Mitel Networks Corporation MT8972BC Datasheet HTML 8Page - Mitel Networks Corporation MT8972BC Datasheet HTML 9Page - Mitel Networks Corporation MT8972BC Datasheet HTML 10Page - Mitel Networks Corporation MT8972BC Datasheet HTML 11Page - Mitel Networks Corporation MT8972BC Datasheet HTML 12Page - Mitel Networks Corporation MT8972BC Datasheet HTML 13Page - Mitel Networks Corporation MT8972BC Datasheet HTML 14Page - Mitel Networks Corporation MT8972BC Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MT8971B/72B
9-117
Table 4a. Default Mode Selection
Notes:
Ž Default Mode 1 can also be selected by tying CDSTi/CDi pin low when DNIC is operating in dual mode.
 Default Mode 2 can also be selected by tying CDSTi/CDi pin high when DNIC is operating in dual mode.
Table 5. Diagnostic Register
Notes:
Œ
When bits 4-7 of the Diagnostic Register are all set to one, the DNIC operates in one of the default modes as defined in Table 4a,
depending upon the status of bit-3.

Do not use LOUT to LIN loopback in DN/SLV mode.
Ž
Do not use DSTo to DSTi loopback in MOD/MAS mode.
C-Channel
(Bit 0-7)
Internal Control
Register
Internal Diagnostic
Register
Description
XXX01111
00000000
01000000
Default Mode-1
Ž: Bit rate is 80 kbit/s. ATTACK,
PSEN, DINB, DRR and all diagnostics are disabled.
TxHK=0.
XXX11111
00010000
01000000
Default Mode-2
 Bit rate is 160 kbit/s. ATTACK,
PSEN, DINB, DRR and all diagnostics are disabled.
TxHK=0.
Bit
Name
Description
0
Reg Sel-1
Register Select-1. Must be set to ’0’ to select the Diagnostic Register.
1
Reg Sel-2
Register Select-2. Must be set to ’1’ to select the Diagnostic Register.
2,3
Loopback
Bit 2
Bit 3
0
0
All loopback testing functions disabled. Normal operation.
0
1
DSTi internally looped back into DSTo for system diagnostics.
10
LOUT is internally looped back into LIN for system diagnostics.

1
1
DSTo is internally looped back into DSTi for end-to-end testing.
Ž
4FUN
Œ
Force Unsync. When set to ’1’, the DNIC is forced out-of-sync to test the SYNC
recovery circuitry. When set to ’0’, the operation continues in synchronization.
5
PSWAP
Œ
Polynomial Swap. When set to ’1’, the scrambling and descrambling polynomials
are interchanged (use for MAS mode only). When set to ’0’, the polynomials retain
their normal designations.
6DLO
Œ
Disable Line Out. When set to ’1’, the signal on LOUT is set set to VBias. When set to
’0’, LOUT pin functions normally.
7
Not Used
Must be set to ’0’ for normal operation.
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
Reg Sel-1
Reg Sel-2
Loopback
FUN
PSWAP
DLO
Not Used
Default Mode Selection
(Refer to Table 4a)
and CLD with TCK defining the bits and CLD the
channel boundaries of the data stream as shown in
Figure 8.
Line Port (LIN, LOUT)
The line interface is made up of LOUT and LIN with
LOUT driving the transmit signal onto the line and LIN
receiving the composite transmit and receive signal
from the line. The line code used in the DNIC is
Biphase and is shown in Figure 10. The scrambled
NRZ data is differentially encoded meaning the
previous differential encoded output is XOR’d with
the current data bit which produces the current
output.
This
is
then
biphase
encoded
where
transitions occur midway through the bit cell with a
negative going transition indicating a logic "0" and a
positive going transition indicating a logic "1".


Similar Part No. - MT8972BC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AC MITEL-MT8976AC Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AE MITEL-MT8976AE Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976AP MITEL-MT8976AP Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
More results

Similar Description - MT8972BC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Mitel Networks Corporat...
MT9174 MITEL-MT9174 Datasheet
33Kb / 4P
   ISO2-CMOS ST-BUS??FAMILY Digital Network Interface Circuit with Receive Sync Marker Bit
MT8930C MITEL-MT8930C Datasheet
683Kb / 36P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
MT8931C MITEL-MT8931C Datasheet
309Kb / 40P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit Preliminary Information
logo
Zarlink Semiconductor I...
MT9173 ZARLINK-MT9173 Datasheet
613Kb / 28P
   Digital Subscriber Interface Circuit with RxSB Digital Network Interface Circuit with RxSB
MT8930C ZARLINK-MT8930C Datasheet
2Mb / 41P
   Subscriber Network Interface Circuit
logo
Mitel Networks Corporat...
MT8931B MITEL-MT8931B Datasheet
37Kb / 3P
   Subscriber Network Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com