Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPU Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SPU
Description  Wirewound Resistors, Molded Style, Current Shunts, Very Low Value, Four Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPU Datasheet(HTML) 2 Page - Vishay Siliconix

  SPU Datasheet HTML 1Page - Vishay Siliconix SPU Datasheet HTML 2Page - Vishay Siliconix SPU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPU Molded Style
www.vishay.com
Vishay Dale
Revision: 27-Feb-12
2
Document Number: 30220
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Nickel-chromium alloy or copper-manganese
alloy, depending on resistance value
Molding
Material:
SPU050/051
thermo-set
epoxy
SPU052/053 thermo-set silicone
Standard Terminals: SPU050/051: 100 % Sn or 60/40
Sn/Pb coated Copperweld®
SPU052/053: 100 % Sn or 60/40 Sn/Pb coated copper
Part Marking: DALE, model, wattage, value, tolerance,
date code
AMBIENT TEMPERATURE DERATING
Derating is required for ambient temperature above 25 °C per the following graph
DERATING
GLOBAL
MODEL
DIMENSIONS in inches [millimeters]
AB
C
D
SPU050
0.660 ± 0.010
[16.76 ± 0.25]
0.312 ± 0.010
[7.92 ± 0.25]
0.200 ± 0.015
[5.08 ± 0.38]
1.000 + 0.25 - 0.125
[25.40 + 6.35 - 3.17]
SPU051
0.790 ± 0.010
[20.06 ± 0.25]
0.375 ± 0.010
[9.52 ± 0.25]
0.200 ± 0.015
[5.08 ± 0.38]
1.000 + 0.25 - 0.125
[25.40 + 6.35 - 3.17]
SPU052
1.000 ± 0.010
[25.40 ± 0.25]
0.375 ± 0.010
[9.52 ± 0.25]
0.125 ± 0.015
[3.17 ± 0.38]
1.000 minimum
[25.40 minimum]
SPU053
1.870 ± 0.010
[47.50 ± 0.25]
0.437 ± 0.010
[11.10 ± 0.25]
0.125 ± 0.015
[3.17 ± 0.38]
1.000 minimum
[25.40 minimum]
D
A
18 AWG
0.040 ± 0.002
[1.02 ± 0.051]
B
C
120
100
80
60
40
20
0
- 55 - 50
0
50
100
150
200
250
275
AMBIENT TEMPERATURE IN
°C
SPU052 and 053
SPU050 and 051
25
175


Similar Part No. - SPU

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPU-1500-US SPI-SPU-1500-US Datasheet
4Mb / 1P
   1500 VA/ 900W line interactive UPS
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPU01L-05 MEANWELL-SPU01L-05 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPU01L-12 MEANWELL-SPU01L-12 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
SPU01L-15 MEANWELL-SPU01L-15 Datasheet
105Kb / 4P
   1W SIP Package DC-DC Unregulated Converter
More results

Similar Description - SPU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS VISHAY-MRS Datasheet
90Kb / 4P
   Wirewound Resistor, Open Style, Current Shunts, Very Low Value
CPSL VISHAY-CPSL Datasheet
80Kb / 3P
   Wirewound Resistors, Commercial Power,Four Terminal, Low Value
Revision: 22-Dec-11
logo
Riedon Powertron
SC-2 RIEDON-SC-2_13 Datasheet
170Kb / 1P
   Four Terminal / Surface Mount Wirewound Resistors
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
   Four Terminal / Surface Mount Wirewound Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
TT Electronics.
4LPW TTELEC-4LPW_17 Datasheet
511Kb / 2P
   Four-Terminal Current-Sensing Wirewound Resistor
logo
IRC - a TT electronics ...
4LPW IRCTT-4LPW Datasheet
343Kb / 2P
   Four-Terminal Current-Sensing Wirewound Resistor
logo
Welwyn Components Limit...
4LPW-3 WELWYN-4LPW-3 Datasheet
282Kb / 2P
   Four-Terminal Current-Sensing Wirewound Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com