Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8964 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8964
Description  ISO2-CMOS Integrated PCM Filter Codec
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8964 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8964 Datasheet HTML 1Page - Mitel Networks Corporation MT8964 Datasheet HTML 2Page - Mitel Networks Corporation MT8964 Datasheet HTML 3Page - Mitel Networks Corporation MT8964 Datasheet HTML 4Page - Mitel Networks Corporation MT8964 Datasheet HTML 5Page - Mitel Networks Corporation MT8964 Datasheet HTML 6Page - Mitel Networks Corporation MT8964 Datasheet HTML 7Page - Mitel Networks Corporation MT8964 Datasheet HTML 8Page - Mitel Networks Corporation MT8964 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISO2-CMOS
MT8960/61/62/63/64/65/66/67
6-23
VRef
An external voltage must be supplied to the VRef pin
which provides the reference voltage for the digital
encoding and decoding of the analog signal.
For
VRef = 2.5V, the digital encode decision value for
overload (maximum analog signal detect level) is
equal to an analog input VIN = 2.415V (µ-Law
version) or 2.5V (A-Law version) and is equivalent to
a
signal
level
of
3.17
dBm0
or
3.14
dBm0
respectively, at the codec.
The analog output voltage from the decoder at VR is
defined as:
µ-Law:
-0.5
2C
16.5 + S
V
Ref
X
[( 128 )+( 128 )( 33 )]±V
OFFSET
A-Law:
2C+1
0.5 + S
V
Ref
X
[( 128 )( 32 )] ±V
OFFSETC=0
2C
16.5 + S
V
Ref
X
[( 128 )( 32 )] ±V
OFFSETC≠0
where C = chord number (0-7)
S = step number (0-15)
VRef is a high impedance input with a varying
capacitive load of up to 40 pF.
The recommended reference voltage for the MT8960
series of codecs is 2.5V ±0.5%. The output voltage
from the reference source should have a maximum
temperature coefficient of 100 ppm/C°. This voltage
should have a total regulation tolerance of ±0.5%
both for changes in the input voltage and output
loading of the voltage reference source. A voltage
reference
circuit
capable
of
meeting
these
specifications is shown in Figure 5. Analog Devices
’AD1403A voltage reference circuit is capable of
driving a large number of codecs due to the high
input
impedance
of
the
VRef input.
Normal
precautions should be taken in PCB layout design to
minimize noise coupling to this pin.
A 0.1 µF
capacitor connected from VRef to ground and located
as close as possible to the codec is recommended to
minimize noise entering through VRef. This capacitor
should have good high frequency characteristics.
Timing
The codec operates in a synchronous manner (see
Figure 9a).
The codec is activated on the first
positive edge of C2i after F1i has gone
low.
The
digital output at DSTo (which is a three-state output
driver) will then change from a high impedance state
to the sign bit of the encoded PCM word to be
output. This will remain valid until the next positive
edge, when the next most significant bit will be
output.
On the first negative clock edge (after F1i signal has
been internally synchronized and CA is at GNDD or
VEE) the logic signal present at DSTi will be clocked
into the input shift register as the sign bit of the
incoming PCM word.
The eight-bit word is thus input at DSTi on negative
edges of C2i and output at DSTo on positive edges
of C2i.
F1i must return to a high level after the eighth
clock pulse causing DSTo to enter high impedance
and preventing further input data to DSTi. F1i will
continue to be sampled on every positive edge of
C2i.
(Note: F1i
may
subsequently be taken low
during the same sampling frame to enable entry of
serial data into CSTi. This occurs usually mid-frame,
in conjunction with CA=VDD, in order to enter an 8-bit
control word into Register B. In this case, PCM input
and output are inhibited by CA at VDD.)
Figure 5 - Typical Voltage Reference Circuit
NC
1234
5
6
7
8
AD1403A
+5V
2.5V
0.1
µF
VRef
MT8960-67
FILTER/CODEC
NC
NC
NC
NC


Similar Part No. - MT8964

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8910-1 MITEL-MT8910-1 Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AC MITEL-MT8910-1AC Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8910-1AP MITEL-MT8910-1AP Datasheet
419Kb / 26P
   CMOS ST-BUS??FAMILY Digital Subscriber Line Interface Circuit
MT8920 MITEL-MT8920 Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8964

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com