Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8952B-1 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8952B-1
Description  ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8952B-1 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8952B-1 Datasheet HTML 4Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 5Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 6Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 7Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 8Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 9Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 10Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 11Page - Mitel Networks Corporation MT8952B-1 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MT8952B ISO-CMOS
3-68
Figure 6 - Transmit Data Register
Control Register (Read/Write):
The Control Register (Figure 7) is used for general
purpose control of the HDLC Protocol Controller. The
bits contained in this register and their functions are
described below.
Figure 7 - Control Register
TxEN -Transmit Enable: When set HIGH, this bit
enables the transmitter and when LOW, disables it
setting the serial output (CDSTo) to high impedance
state. If the transmitter is disabled during the
transmission of a packet using this bit, the Protocol
Controller will wait until the completion of the packet
and closing flag is transmitted or the packet is
aborted before setting the output (CDSTo) to high
impedance state.
Thus TxEN
bit controls the
transmission packet by packet unlike TxCEN input
(pin 1) which controls it bit-by-bit. However, if the
Protocol Controller is in transparent data transfer
state, the transmission will be stopped within two bit
periods (maximum) and set the output to high
impedance state.
RxEN - Receive Enable: This bit enables the
receiver when set HIGH and disables it when LOW. If
this bit goes LOW during the reception of the packet,
the receiver can only be disabled after the current
packet and its closing flag are received or an abort is
detected. Thus RxEN bit
controls
the receiver
section packet by packet unlike RxCEN input (pin 2)
which controls it bit-by-bit. However, if the Protocol
Controller is in transparent data transfer state, the
receiver will be disabled immediately.
RxAD - Receive Address Detect: This bit when set
HIGH, enables the address detection for the received
packets. This causes the receiver to recognize only
those
packets
having
a
unique
address
as
programmed in the Receive Address Register or if
the address byte is the All-Call address (all ONEs).
The address comparison is done only on seven bits
(compatible to the first byte of the address field
defined in LAPD-CCITT) and an All-Call is defined as
all ONEs in upper seven bits of the received address
field. If RxAD is LOW, the address detection is
disabled and every valid packet is recognized.
RA6/7 - Receive Address Six/Seven bits: This bit,
when set HIGH, limits the address detection only to
the upper six bits of the received address byte (last 6
bits of received address field) and when LOW, allows
the address comparison on seven bits. An "all call",
in this case is defined as all ONEs in the upper six
bits only. RA6/7 is ignored if the address detection is
disabled (RxAD=0).
IFTF0 and IFTF1 - Interframe Time Fill: Setting
these bits according to the table below (Table 6)
causes the transmitter to be in one of the active or
idle states or allows the Protocol Controller to be in
the transparent data transfer state.
Table 6. Interframe Time Fill Bits
FA - Frame Abort: When set HIGH, this bit’tags’ the
next byte written to the transmit FIFO and causes an
abort sequence (eight ONEs) to be transmitted when
it reaches the bottom of the FIFO. The abort
sequence will be transmitted instead of the byte that
was tagged. The FA bit is cleared to ZERO upon
writing the data to the transmit FIFO. As a result, a
‘read’ of this register bit will not reflect the last data
written to it.
EOP - End Of Packet: Writing a ONE to this bit
‘tags’ the next byte written to the transmit FIFO to
indicate that it is the last data byte of the packet. This
bit is cleared to ZERO upon writing the data to the
transmit FIFO. As a result, a read of this register bit
will not indicate the last data written to it.
Receive Address Register (Read/Write):
Figure 8 - Receive Address Register
The data in this register (Figure 8) defines the
unique address for the HDLC Protocol Controller. If
address recognition is enabled using the RxAD and
RA6/7 bits in the Control Register, an incoming
packet is recognized only if its address byte (seven
or
six
most
significant
bits)
matches
the
corresponding bits in this register or if the address is
D7
D6
D5
D4
D3
D2
D1
D0
TD7
TD6
TD5
TD4
TD3
TD2
TD1
TD0
D7
D6
D5
D4
D3
D2
D1
D0
TxEN
RxEN RxAD RA6/7 IFTF1 IFTF0
FA
EOP
IFTF Bits
Result
IFTF1
IFTF0
0
0
Idle State (All ONEs)
0
1
Interframe Time Fill state
(Continuous Flags)
1
0
Transparent Data Transfer
1
1
Go Ahead state (Continuous
7FHEX)
D7
D6
D5
D4
D3
D2
D1
D0
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0


Similar Part No. - MT8952B-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BC MITEL-MT8952BC Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BE MITEL-MT8952BE Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BP MITEL-MT8952BP Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952BS MITEL-MT8952BS Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
More results

Similar Description - MT8952B-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT9092 MITEL-MT9092 Datasheet
482Kb / 42P
   ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com