Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37272EF8FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M37272EF8FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37272EF8FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M37272EF8FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37272EF8FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 131 page
background image
3
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
M37272M6H/M8H/MAH/MFH–XXXSP/FP
M37272E8SP/FP, M37272EFSP/FP
MITSUBISHI MICROCOMPUTERS
Rev. 1.0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P06/INT2/AD4
XOUT
P50/HSYNC
P51/VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
HLF
VHOLD
CVIN
CNVSS
XIN
VSS
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/AD1/INT3
P16/AD2
P30/AD5
P31/AD6
RESET
P26/OSC1/XCIN
P27/OSC2/XCOUT
VCC
P17/AD3
(AVCC
) NC
( )...M37272E8/EFSP
4. PIN CONFIGURATION
Outline 42P4B
Fig. 4.1 Pin Configuration (1) (Top View)
Outline 42P2R-A/E
Fig. 4.2 Pin Configuration (2) (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
P06/INT2/AD4
XOUT
P50/HSYNC
P51/VSYNC
P00/PWM0
P01/PWM1
P02/PWM2
P03/PWM3
P04/PWM4
P05/PWM5
P07/INT1
P23/TIM3
P24/TIM2
P25
HLF
VHOLD
CVIN
CNVSS
XIN
VSS
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
P52/R
P53/G
P54/B
P55/OUT1
P20/SCLK
P21/SOUT
P22/SIN
P10/OUT2
P11/SCL1
P12/SCL2
P13/SDA1
P14/SDA2
P15/AD1/INT3
P16/AD2
P30/AD5
P31/AD6
RESET
P26/OSC1/XCIN
P27/OSC2/XCOUT
VCC
P17/AD3
(AVCC
) NC
( )...M37272E8/EFFP
Note: Only 14th pin is NC pin of M37272M6H/
M8H/MAH/MFH-XXXSP. This pin is
AVcc pin of M37272E8/EFSP. But NC
pin of M37272M6H/M8H/MAH/MFH-
XXX SP is not connect in the IC. You
can apply to Vcc.
Note: Only 14th pin is NC pin of M37272M6H/
M8H/MAH/MFH-XXXFP. This pin is
AVcc pin of M37272E8/EFSP. But NC
pin of M37272M6H/M8H/MAH/MFH-
XXX SP is not connect in the IC. You
can apply to Vcc.


Similar Part No. - M37272EF8FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37272EFFP RENESAS-M37272EFFP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37272EFSP MITSUBISHI-M37272EFSP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER????
logo
Renesas Technology Corp
M37272EFSP RENESAS-M37272EFSP Datasheet
1Mb / 143P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37272EFSP RENESAS-M37272EFSP Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37272EF8FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com