Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8920BS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT8920BS
Description  ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8920BS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT8920BS Datasheet HTML 1Page - Mitel Networks Corporation MT8920BS Datasheet HTML 2Page - Mitel Networks Corporation MT8920BS Datasheet HTML 3Page - Mitel Networks Corporation MT8920BS Datasheet HTML 4Page - Mitel Networks Corporation MT8920BS Datasheet HTML 5Page - Mitel Networks Corporation MT8920BS Datasheet HTML 6Page - Mitel Networks Corporation MT8920BS Datasheet HTML 7Page - Mitel Networks Corporation MT8920BS Datasheet HTML 8Page - Mitel Networks Corporation MT8920BS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MT8920B CMOS
3-4
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
C4i
4.096 MHz Clock. The ST-BUS timing clock used to establish bit cell boundaries for the serial
bus.
2
F0i
Framing Pulse. A low going pulse used to synchronize the STPA to the 2048 kbit/s ST-BUS
stream. The first falling edge of C4i subsequent to the falling edge of F0i identifies the start of
a frame.
3
IACK
Interrupt Acknowledge (Mode 1). This active low input signals that the current bus cycle is
an interrupt vector fetch cycle. Upon receiving this acknowledgement, the STPA will
output a user-programmed vector number on D0 - D7 indicating the source of the interrupt.
MS1
Mode Select 1 (Mode 2,3). This input is used to select the device operating modes. A low
applied to this pin will select mode 3 while a high will select mode 2. (Refer to Table 1.)
4
STi0
ST-BUS Input 0. This is the input for the 2048 kbit/s ST-BUS serial data stream.
5
CS
Chip Select. This active low input is used to select the STPA for a parallel access .
6
DS
Data Strobe (Mode 1). This active low input indicates to the STPA that valid data is on the data
bus during a write operation or that the STPA must output valid data on the data bus during a
read operation.
OE
Output Enable (Mode 2). This active low input enables the data bus driver outputs.
OE
Output Enable (Mode 3). This active low output indicates that the selected device is to be
read and that the data bus is available for data transfer.
7R/W
Read/Write (Mode 1,2). This input defines the data bus transfer as a read (R/W = 1) or a write
(R/W= 0) cycle.
WE
Write Enable (Mode 3). This active low output indicates the data on the data bus is to be
written into the selected location of an external device.
8-12
A0-A4 Address Bus (Mode 1,2). These inputs are used to select the internal registers and two-port
memories of the STPA.
A0-A4 Address Bus (Mode 3). These address outputs are generated by the STPA and reflect the
position in internal RAM where the information will be fetched from or stored in. Addresses
generated in this mode are used to access external devices for direct memory transfer.
28 PIN J-LEAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
C4i
F0i
IACK, MS1
STi0
CS
DS, OE
R/W, WE
A0
A1
A2
A3
A4
A5, STCH
VSS
VDD
MMS
DTACK, BUSY, DCS
IRQ, 24/32
STo1
STo0
D7
D6
D5
D4
D3
D2
D1
D0
28 PIN PDIP/SOIC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IRQ, 24/32
STo1
STo0
D7
D6
D5
D4
CS
DS, OE
R/W, WE
A0
A1
A2
A3


Similar Part No. - MT8920BS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920BS MITEL-MT8920BS Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
More results

Similar Description - MT8920BS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com