Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFM2506L Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSFM2506L
Description  25V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFM2506L Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSFM2506L Datasheet HTML 1Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 2Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 3Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 4Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 5Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 6Page - GOOD-ARK Electronics SSFM2506L Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSFM2506L
25V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.0
Main Product Characteristics:
VDSS
25V
RDS(on)
6mohm
ID
60A
Features and Benefits:
Advanced trench MOSFET process technology
Special designed for PWM, load switching and general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
175℃ operating temperature
Lead free product
Description:
It utilizes the latest FRRMOS (fast reverse recovery MOS) trench processing techniques to achieve
extremely low on resistance, fast switching speed and short reverse recovery time. These features
combine to make this design an extremely efficient and reliable device for use in PWM, load switching
and a wide variety of other applications
Absolute Max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
60
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
50
IDM
Pulsed Drain Current
130
ISM
Pulsed Source Current (Body Diode)
130
A
PD @TC = 25°C
Power Dissipation
50
W
PD @TC =100°C
Power Dissipation
25
W
VDS
Drain-Source Voltage
25
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.1mH
90
mJ
IAR
Avalanche Current @ L=0.1mH
42
A
TJ
TSTG
Operating Junction and
Storage Temperature
Range
-55 to + 175
°C
Thermal Resistance
Symbol
Characterizes
Value
Unit
RθJC
Junction-to-case
2.8
℃/W
Junction-to-ambient (t ≤ 10s)
15
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
41
℃/W
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
S S F M 2506
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
S S F M 2506
SSFM2506L
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
S S F M 2506
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
T O -252 D PAK
M arking and pin
ass ignm ent
SS F M 250 8
S S F M 2506
SSFM2506L


Similar Part No. - SSFM2506L

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFM2506 SILIKRON-SSFM2506 Datasheet
440Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFM2506 GOOD-ARK-SSFM2506 Datasheet
678Kb / 7P
   25V N-Channel MOSFET
More results

Similar Description - SSFM2506L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
   25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
   25V N-Channel MOSFET
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
   25V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
   25V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
   25V N-Channel MOSFET
Rev.3.0: May 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com