Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8889CS Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # MT8889CS
Description  Integrated DTMFTransceiver with Adaptive Micro Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8889CS Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button MT8889CS Datasheet HTML 5Page - Mitel Networks Corporation MT8889CS Datasheet HTML 6Page - Mitel Networks Corporation MT8889CS Datasheet HTML 7Page - Mitel Networks Corporation MT8889CS Datasheet HTML 8Page - Mitel Networks Corporation MT8889CS Datasheet HTML 9Page - Mitel Networks Corporation MT8889CS Datasheet HTML 10Page - Mitel Networks Corporation MT8889CS Datasheet HTML 11Page - Mitel Networks Corporation MT8889CS Datasheet HTML 12Page - Mitel Networks Corporation MT8889CS Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MT8889C/MT8889C-1
4-115
The adaptive micro interface provides access to five
internal registers.
The
read-only
Receive
Data
Register contains the decoded output of the last
valid DTMF digit received. Data entered into the
write-only Transmit Data Register will determine
which tone pair is to be generated (see Table 1 for
coding details). Transceiver control is accomplished
with two control registers (see Tables 6 and 7), CRA
and CRB, which have the same address. A write
operation to CRB is executed by first setting the
most significant bit (b3) in CRA. The following write
operation to the same address will then be directed
to CRB, and subsequent write cycles will be directed
back to CRA. The read-only status register indicates
the current transceiver state (see Table 8).
A software reset must be included at the beginning
of all programs to initialize the control registers upon
power-up or power reset (see Figure 15). Refer to
Tables 4-7 for bit descriptions of the two control
registers.
The multiplexed IRQ/CP pin can be programmed to
generate an interrupt upon validation of DTMF
signals or when the transmitter is ready for more
data (burst mode only). Alternatively, this pin can be
configured to provide a square-wave output of the
call progress signal. The IRQ/CP pin is an open drain
output and requires an external pull-up resistor (see
Figure 13).
Table 3. Internal Register Functions
Table 4. CRA Bit Positions
Table 5. CRB Bit Positions
Motorola
Intel
RS0
R/W
WR
RD
FUNCTION
00
0
1
Write to Transmit
Data Register
01
1
0
Read from Receive
Data Register
10
0
1
Write to Control Register
11
1
0
Read from Status Register
b3
b2
b1
b0
RSEL
IRQ
CP/DTMF
TOUT
b3
b2
b1
b0
C/R
S/D
TEST
BURST
ENABLE
Figure 12 a) & b) - MT8889 Interface Connections for Various Intel and Motorola Micros
MC6800/6802
MT8889/MT8889C-1
MT8889C/MT8889C-1
A0-A15
VMA
D0-D3
RW
MC68HC11
MC6809
MT8889/MT8889C-1
MT8889C/MT8889C-1
8031/8051
8080/8085
Φ2
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
AS
AD0-AD3
RW
CS
RS0
D0-D3
R/W/WR
DS/RD
DS
A0-A15
Q
E
D0-D3
R/W
CS
RS0
D0-D3
R/W/WR
DS/RD
A8-A15
ALE
P0
RD
WR
CS
D0-D3
RS0
DS/RD
R/W/WR
(a)
(b)


Similar Part No. - MT8889CS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT8889CS ZARLINK-MT8889CS Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
More results

Similar Description - MT8889CS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L89 MITEL-MT88L89 Datasheet
352Kb / 20P
   3V Integrated DTMFTransceiver with Adaptive Micro Interface
MT8885 MITEL-MT8885 Datasheet
350Kb / 20P
   Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT88L85 MITEL-MT88L85 Datasheet
350Kb / 20P
   3V Integrated DTMFTransceiver with Power Down & Adaptive Micro Interface
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
   Integrated DTMFTransceiver with Intel Micro Interface
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   Integrated DTMFTransceiver
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
logo
Zarlink Semiconductor I...
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
[Old version datasheet]   Micro/Mini USB Interface with Integrated 28V Charger
logo
Semtech Corporation
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com