Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFT3906 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSFT3906
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFT3906 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSFT3906 Datasheet HTML 1Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 2Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 3Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 4Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 5Page - GOOD-ARK Electronics SSFT3906 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSFT3906
30V N-Channel MOSFET
www.goodark.com
Page 2 of 6
Rev.2.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
1.65
℃/W
Junction-to-ambient (t ≤ 10s)
62
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown
voltage
30
V
VGS = 0V, ID = 250μA
3.2
6
VGS=10V,ID = 30A
4.3
TJ = 125℃
4.8
8.5
VGS=4.5V,ID = 20A
RDS(on)
Static Drain-to-Source
on-resistance
6.2
TJ = 125℃
1
1.73
3
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
1.52
V
TJ = 125℃
1
VDS = 30V,VGS = 0V
IDSS
Drain-to-Source leakage
current
50
μA
TJ = 125°C
100
VGS =20V
IGSS
Gate-to-Source forward
leakage
-100
nA
VGS = -20V
Qg
Total gate charge
35.25
Qgs
Gate-to-Source charge
11.04
Qgd
Gate-to-Drain("Miller") charge
15.94
nC
ID = 32A,
VDS=15V,
VGS =4.5V
td(on)
Turn-on delay time
14.6
tr
Rise time
48.9
td(off)
Turn-Off delay time
30.6
tf
Fall time
10.3
ns
VGS=4.5V, VDS=15V,
RGEN=2Ω,ID = 32A,
Ciss
Input capacitance
4315
Coss
Output capacitance
439
Crss
Reverse transfer capacitance
403
pF
VGS = 0V
VDS = 15V
ƒ = 800kHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
90
A
ISM
Pulsed Source Current
(Body Diode)
180
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.71
1.3
V
IS=1A, VGS=0V
trr
Reverse Recovery Time
15.8
ns
Qrr
Reverse Recovery Charge
8.0
nC
TJ = 25°C, IF =30A,
di/dt = 150A/μs


Similar Part No. - SSFT3906

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSFT3906 SILIKRON-SSFT3906 Datasheet
460Kb / 7P
   Advanced trench MOSFET process technology
More results

Similar Description - SSFT3906

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com