Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE7433M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7433M
Description  P-Channel 30-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7433M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7433M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7433M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE7433M
P-Channel 30-V MOSFET
VER 1.1
3
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate Source Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-1
V
Gate Body Leakage
IGSS
VDS=0V, VGS=±20V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
uA
VDS=-24V, VGS=0V, TJ=55℃
-25
On-State Drain-Current
a
ID(on)
VDS=-5V, VGS=-10V
-30
A
Static Drain-Source On-Resistance
a
rDS(ON)
VGS=-10V,ID=-15.3A
9
m
Ω
VGS=-4.5V,ID=-12.3A
13
Forward Transconductance
a
gfS
VGS=-15V,ID=-15.3A
34
S
Diode Forward Voltage
a
VSD
IS=-3.7A ,VGS=0V
-0.72
V
Dynamic
b
Total Gate Charge
Qg
VDS=-15V,VGS=-4.5V ,
ID=-15.3A
140
nC
Gate-Source Charge
Qgs
35
Gate-Drain Charge
Qgd
62
Turn-On Delay Time
td(on)
VDS=-15V, ,RL=0.9
Ω
ID=-15.3A,VGS=-10V
RGEN=6
Ω,
18
ns
Rise Time
tf
87
Turn-Off Delay Time
td(off)
345
Fall Time
tf
226
Input Capacitance
Ciss
VDS=-15V, VGS=0V
f=1MHz
8500
pF
Output Capacitance
Coss
1291
Reverse Transfer Capacitance
Crss
939
Note:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing
.


Similar Part No. - ACE7433M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7430LA ACE-ACE7430LA Datasheet
189Kb / 3P
   30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
ACE7436M ACE-ACE7436M Datasheet
392Kb / 7P
   N-Channel 30-V MOSFET, Low thermal impedance
VER 1.1
ACE7438M ACE-ACE7438M Datasheet
398Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
More results

Similar Description - ACE7433M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7331M ACE-ACE7331M Datasheet
407Kb / 7P
   P-Channel 30-V MOSFET
VER 1.1
ACE4835M ACE-ACE4835M Datasheet
485Kb / 7P
   P-Channel 30-V MOSFET
VER 1.1
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
   30 V, P-channel Trench MOSFET
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
   30 V, P-channel Trench MOSFET
26 January 2022
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
   30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
   30 V, P-channel Trench MOSFET
24 September 2019
logo
Vishay Siliconix
SUD45P03-10 VISHAY-SUD45P03-10 Datasheet
41Kb / 4P
   P-Channel 30-V 150C MOSFET
Rev. D, 21-Nov-00
logo
NXP Semiconductors
PMXB120EPE NXP-PMXB120EPE Datasheet
252Kb / 15P
   30 V, P-channel Trench MOSFET
24 September 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com