Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8841AN Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8841AN
Description  CMOS Calling Number Identification Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8841AN Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8841AN Datasheet HTML 2Page - Mitel Networks Corporation MT8841AN Datasheet HTML 3Page - Mitel Networks Corporation MT8841AN Datasheet HTML 4Page - Mitel Networks Corporation MT8841AN Datasheet HTML 5Page - Mitel Networks Corporation MT8841AN Datasheet HTML 6Page - Mitel Networks Corporation MT8841AN Datasheet HTML 7Page - Mitel Networks Corporation MT8841AN Datasheet HTML 8Page - Mitel Networks Corporation MT8841AN Datasheet HTML 9Page - Mitel Networks Corporation MT8841AN Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MT8841
5-18
† AC Electrical Characteristics are over recommended operating conditions unless otherwise stated.
‡ Typical figures are at 25°C and are for design aid only, not guaranteed and not subject to production testing.
*Notes:
1.
dBm=decibels above or below a reference power of 1mW into 600
Ω.
2.
Using unity gain test circuit shown in Figure 6.
3.
Mark and Space frequencies have the same amplitude.
4.
Band limited random noise (200-3200Hz).
5.
Referenced to the minimum input detection level.
6.
FSK input data at 1200 ±12 baud.
7.
OSC1 at 3.579545 MHz ±0.2%.
8.
10k to VSS, 50pF to VSS.
9.
10k to VDD, 50pF to VSS.
10.
Function of signal condition.
11.
The device will stop functioning within this time, but more time may be required to reach IDDQ.
12.
For a repeating mark space sequence, the data stream will typically have equal 1 and 0 bit durations.
Figure 7 - DATA and DCLK Output Timing
Figure 8 - DR Output Timing
AC Electrical Characteristics- Timing
Characteristics
Sym
Min
Typ
Max
Units
Notes*
1
PWDN
OSC1
Power-up time
tPU
35
50
ms
2
Power-down time
tPD
100
1000
µs
11
3
CD
Input FSK to CD low delay
tIAL
25
ms
4
Input FSK to CD high delay
tIAH
8ms
5
Hysteresis
8
ms
6
DATA
Rate
1188
1200
1212
bps
6,12
7
Input FSK to DATA delay
tIDD
15
ms
8
DATA
DCLK
Rise time
tR
200
ns
8
9
Fall time
tF
200
ns
8
10
DATA to DCLK delay
tDCD
6
416
µs
6, 7, 10
11
DCLK to DATA delay
tCDD
6
416
µs
6, 7, 10
12
DCLK
Frequency
1200
1202.8
1205
Hz
7
13
High time
tCH
415
416
417
µs
7
14
Low time
tCL
415
416
417
µs
7
15
DCLK
DR
DCLK to DR delay
tCRD
415
416
417
µs
7
16
DR
Rise time
tRR
10
µs
9
17
Fall time
tFF
200
ns
9
18
Low time
tRL
415
416
417
µs
7
DATA
DCLK
tR
tDCD
tCDD
tR
tF
tCL
tCH
tF
tFF
tRR
tRL
DR


Similar Part No. - MT8841AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8840 MITEL-MT8840 Datasheet
56Kb / 8P
   ISO2-CMOS Data Over Voice Modem
MT8840AE MITEL-MT8840AE Datasheet
56Kb / 8P
   ISO2-CMOS Data Over Voice Modem
MT8840AS MITEL-MT8840AS Datasheet
56Kb / 8P
   ISO2-CMOS Data Over Voice Modem
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
MT8843AE MITEL-MT8843AE Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
More results

Similar Description - MT8841AN

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
logo
Zarlink Semiconductor I...
MT88E41 ZARLINK-MT88E41 Datasheet
888Kb / 16P
   CMOS Extended Voltage Calling Number Identification Circuit (ECNIC)
logo
Texas Instruments
MT88E46 TI-MT88E46_06 Datasheet
406Kb / 23P
[Old version datasheet]   Bellcore Compliant Calling Number Identification Circuit
logo
Zarlink Semiconductor I...
MT88E46 ZARLINK-MT88E46 Datasheet
522Kb / 23P
   Bellcore Compliant Calling Number Identification Circuit
MT88E43B ZARLINK-MT88E43B Datasheet
559Kb / 29P
   Extended Voltage Calling Number Identification Circuit 2
logo
List of Unclassifed Man...
SC88E43 ETC-SC88E43 Datasheet
389Kb / 25P
   EXTENDED VOLTAGE CALLING NUMBER IDENTIFICATION CIRCUIT 2
logo
Zarlink Semiconductor I...
MT88E45B ZARLINK-MT88E45B Datasheet
488Kb / 28P
   4-Wire Calling Number Identification Circuit 2
MT88E43 ZARLINK-MT88E43 Datasheet
317Kb / 26P
   Extended Voltage Calling Number Identification Circuit 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com