Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8840AS Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8840AS
Description  ISO2-CMOS Data Over Voice Modem
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8840AS Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8840AS Datasheet HTML 1Page - Mitel Networks Corporation MT8840AS Datasheet HTML 2Page - Mitel Networks Corporation MT8840AS Datasheet HTML 3Page - Mitel Networks Corporation MT8840AS Datasheet HTML 4Page - Mitel Networks Corporation MT8840AS Datasheet HTML 5Page - Mitel Networks Corporation MT8840AS Datasheet HTML 6Page - Mitel Networks Corporation MT8840AS Datasheet HTML 7Page - Mitel Networks Corporation MT8840AS Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5-3
®
MT8840
Data Over Voice Modem
Features
Performs ASK (amplitude shift keyed)
modulation and demodulation
32 kHz carrier frequency
Up to 2 kbit/s full duplex data transfer rate
On-chip oscillator
On-chip tone caller for alerting functions
Adjustable tone caller frequencies
Selectable self-loop test mode
5V/2.5mA power supply
•ISO2-CMOS and switched capacitor
technologies
•18 Pin DIP
Applications
Simultaneous data and voice communication in
PABXs
2 kbit/s data modem
"Smart" telephone sets
Description
The MT8840 is a carrier over voice modem which
allows simultaneous transfer of voice and data over
a single pair of wires. Data is transferred on an
amplitude shift keyed (ASK) 32 kHz carrier. On-chip
filters remove voice frequency signals from the
received composite voice and data signal prior to
demodulation. The modulating signal is a bit stream
with a typical data rate of 2 kbit/s. In addition, the
device contains a two tone warbler which functions
as a telephone ringer. The device is fabricated in
MITEL’s
double-poly
ISO2-CMOS
technology
utilizing switched-capacitor techniques.
Ordering Information
MT8840AE
18 Pin Plastic DIP
MT8840AS
18 Pin SOIC
0°C to +85°C
Figure 1 - Functional Block Diagram
OSC1
OSC2
CK32
ETC MTC FATC
TxDI
RxDO
DET
CRx
VDD
VSS
VRef
LOOP
TCO
TxO
RxE
RxI
Timing
and
Control
Tone
Caller
Modulator
TX Bandpass
Filter
TX Post-
Filter
RX Pre-
Filter
R
O
U
T
I
N
AGC
G
RX Bandpass
Filter
Demodulator
ISSUE 4
November 1990
ISO2-CMOS


Similar Part No. - MT8840AS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8841 MITEL-MT8841 Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8841AE MITEL-MT8841AE Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8841AN MITEL-MT8841AN Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8841AS MITEL-MT8841AS Datasheet
101Kb / 10P
   CMOS Calling Number Identification Circuit
MT8843 MITEL-MT8843 Datasheet
115Kb / 10P
   CMOS Calling Number Identification Circuit 2 Preliminary Information
More results

Similar Description - MT8840AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
[Old version datasheet]   VOICE/MODEM CODEC
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
[Old version datasheet]   VOICE/MODEM CODEC
logo
List of Unclassifed Man...
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
logo
List of Unclassifed Man...
TTC-50231 ETC2-TTC-50231 Datasheet
640Kb / 4P
   Voice/Modem Line Transformers
logo
ELAN Microelectronics C...
EM7A8620 EMC-EM7A8620 Datasheet
366Kb / 18P
   Voice over IP
logo
List of Unclassifed Man...
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171 Datasheet
401Kb / 25P
   ISO2-CMOS ST-BUS FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com