Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE722E Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE722E
Description  3MHz 2A Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE722E Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE722E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 6Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 7Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 8Page - ACE Technology Co., LTD. ACE722E Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ACE722E
3MHz 2A Step-Down Converter
VER 1.1
4
Electrical Characteristics (VIN = 3.6V, unless otherwise specified. Typical values are at TA = 25℃.)
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.6
5.5
V
Input UVLO
Rising, Hysteresis=200mV
2.1
V
Input Supply Current
VFB =0.65V,MODE=GND
30
μA
Input Shutdown Current
0.1
1
μA
FB Feedback
Voltage
VIN =2.5 to 5.5V
0.588
0.6
0.612
V
FB Input
Current
0.01
μA
Output Voltage Range
0.6
VIN
V
Load Regulation
0.15
%/A
Line Regulation
VIN =2.7 to 5.5V
0.04
%/V
Switching Frequency
2.4
3
3.6
MHz
NMOS Switch On Resistance
ISW =200mA
100
150
mΩ
PMOS Switch On Resistance
ISW =200mA
80
120
mΩ
PMOS Switch Current Limit
2.5
3
A
SW Leakage
Current
VOUT=5.5V,VSW=0 or 5.5V,EN= GND
10
μA
EN, MODE Input Current
EN=MODE=GND
1
μA
EN,MODE Input Low Voltage
0.4
V
EN,MODE Input High Voltage
1.5
V
Thermal Shutdown
Rising, Hysteresis
=15°C
160
°C


Similar Part No. - ACE722E

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
   2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE7222CBNH ACE-ACE7222CBNH Datasheet
467Kb / 10P
   2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results

Similar Description - ACE722E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
   3MHz,Fast Transient 2A Step-Down Converter
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
   3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
logo
Richtek Technology Corp...
DS8048-01 RICHTEK-DS8048-01 Datasheet
168Kb / 11P
   3MHz 1A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Richtek Technology Corp...
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com